Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF49XAT-I/ST Datasheet(PDF) 12 Page - Microchip Technology

Part # MRF49XAT-I/ST
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/ST Datasheet(HTML) 12 Page - Microchip Technology

Back Button MRF49XAT-I/ST Datasheet HTML 8Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 9Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 10Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 11Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 12Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 13Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 14Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 15Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 102 page
background image
MRF49XA
DS70590C-page 12
Preliminary
© 2009-2011 Microchip Technology Inc.
9
RFXTL/EXTREF
Analog Input
RF Crystal: This pin is connected to a 10 MHz series crystal
or to an external oscillator reference. The crystal is used as a
reference for the PLL which generates the local oscillator
frequency. It is possible to “pull” the crystal to the accurate
frequency by changing the load capacitor value.
External Reference Input: An external reference input, such
as an oscillator, can be connected as a reference source.
Connect the oscillator through a 0.01 μF capacitor.
10
RESET
Digital Input/Output Active-low hardware pin. This pin has an open-drain Reset
output with internal pull-up and input buffer. Refer to
Section 3.1, Reset for more details.
11
Vss
Ground
Ground reference.
12
RFP
RF Input/Output
Differential RF input/output (+).
13
RFN
RF Input/Output
Differential RF input/output (-).
14
VDD
Power
RF power supply. Bypass with a capacitor close to the pin.
See Section 2.1, Power and Ground Pins for more details.
15
RSSIO
Analog Input/Output Received Signal Strength Indicator Output: The analog
RSSI output is used to determine the signal strength. The
response and settling time depends on the external filter
capacitor. Typically, a 4-10 nF capacitor provides optimum
response time for most applications.
16
INT/DIO
Digital Input/Output Interrupt: This pin can be configured as an active-low
external interrupt to the device. If a logic ‘0’ is applied to this
pin, it causes the IRO pin to toggle, signaling an interrupt to
the external microcontroller. The source of interrupt can be
determined by reading the first four bits of STSREG (see
Table 2-4). This pin can be used to wake-up the device from
Sleep.
Data Indicator Output: This pin can be configured to
indicate valid data based on the actual internal settings.
TABLE 2-1:
PIN DESCRIPTION (CONTINUED)
Pin
Symbol
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com