Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF49XAT-I/ST Datasheet(PDF) 24 Page - Microchip Technology

Part # MRF49XAT-I/ST
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/ST Datasheet(HTML) 24 Page - Microchip Technology

Back Button MRF49XAT-I/ST Datasheet HTML 20Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 21Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 22Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 23Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 24Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 25Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 26Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 27Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 102 page
background image
MRF49XA
DS70590C-page 24
Preliminary
© 2009-2011 Microchip Technology Inc.
EQUATION 2-1:
bit 2-0
OTXPWR<2:0>: Output Transmit Power Range bits(2)
These bits set the transmit output power range. The output power is programmable from 0 dB (Max.)
to -17.5 dB in -2.5 dB steps.
111 = -17.5 dB
110 = -15.0 dB
101 = -12.5 dB
100 = -10.5 dB
011 = -7.5 dB
010 = -5.0 dB
001 = -2.5 dB
000 = 0 dB
REGISTER 2-4:
TXCREG: TRANSMIT CONFIGURATION REGISTER (POR: 0x9800) (CONTINUED)
Note 1: The transmitter FSK modulation parameters are used for calculating the resulting output frequency, as
shown in Equation 2-1.
2: The output transmit power range is relative to the maximum available power, which depends on the actual
antenna impedance.
fFSKOUT = f0 +[(– 1)SIGN x (MB + 1) x (15 kHz)]
where:
f0 is the Channel Center Frequency (see Register 2-6 for f0 Calculation)
MB is the 4-bit Binary Number (MODBW<3:0>)
SIGN
= MODPLY XOR FSK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com