Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF49XAT-I/ST Datasheet(PDF) 16 Page - Microchip Technology

Part # MRF49XAT-I/ST
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/ST Datasheet(HTML) 16 Page - Microchip Technology

Back Button MRF49XAT-I/ST Datasheet HTML 12Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 13Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 14Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 15Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 16Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 17Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 18Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 19Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 102 page
background image
MRF49XA
DS70590C-page 16
Preliminary
© 2009-2011 Microchip Technology Inc.
2.11
Power-Saving Blocks
2.11.1
LOW BATTERY VOLTAGE
DETECTOR
The integrated low-battery voltage detector circuit
monitors the supply voltage against a preprogrammed
value and generates an interrupt on the IRO pin if it falls
below the programmed threshold level. The detector
circuit has a built-in 50 mV hysteresis.
2.11.2
WAKE-UP TIMER
The current consumption of the programmable wake-up
timer is very low, typically 1.5
μA. It is programmable
from 1 ms to several days with an accuracy level of
±10%. The calibration of the wake-up timer takes place
at every start-up and every 30s thereafter, and is
referenced with the crystal oscillator. The calibration is
performed even in Sleep mode. The calibration process
for the wake-up timer takes around 500
μs, and for
proper calibration, the crystal oscillator must be running
before the wake-up timer is enabled.
If any wake-up event occurs, including the wake-up
timer, the wake-up logic generates an interrupt signal
on the IRO pin which can be used to wake-up the
microcontroller and this reduces the period that the
microcontroller needs to be active. If the oscillator
circuit is disabled, the calibration circuit turns it on for a
brief period to perform the calibration in order to
maintain accurate timing before returning to Sleep.
2.11.3
LOW DUTY CYCLE MODE
The MRF49XA can be made to enter into a Low Duty
Cycle mode operation to decrease the average power
consumption in Receive mode. The Low Duty Cycle
mode is normally used in conjunction with the wake-up
timer for its operation. The DCSREG may be
configured so that when the wake-up timer brings the
device out of Sleep mode, the receiver is turned on for
a short time to sample for a signal. Then, the device
returns to Sleep and this process repeats.
2.12
INT, IRO Pins and Interrupts
The Interrupt pin (INT) can be configured as an
active-low external interrupt to MRF49XA which is
provided from the host microcontroller.
The device generates an interrupt request for the host
microcontroller by pulling the IRO pin low if the
following events occur:
• TX register is ready to receive the next byte
• RX FIFO has received the preprogrammed
amount of bits
• FIFO overflow/TX register underrun (TXUROW
overflow in Receive mode and underrun in
Transmit mode)
• Negative pulse on interrupt input pin, INT
• Wake-up timer time-out
• Supply voltage below the preprogrammed value is
detected
• Power-on Reset
The Status bits should be read out to identify the source
of interrupt. The interrupts are cleared by reading the
STATUS register.
See Section 3.9, Interrupts for functional description of
interrupts.
2.13
Transmit Register
The Transmit register in MRF49XA is configured as
two, 8-bit shift registers connected in series to form a
single 16-bit shift register. When the transmitter is
enabled, it starts sending out data from the first register
with respect to the set bit rate. After power-up and with
the Transmit registers enabled, the transmitter
preloads the TX latch with 0xAAAA. This can be used
to generate a preamble before sending actual data.
In hardware, the FSK/DATA/FSEL has two functions:
• As Frequency Shift Keying pin, it basically takes
care of transmitting the FSK data input. The pin
has an internal pull-up resistor of 133 kΩ. This pin
must be “high” when the TX register is enabled to
take care of the transmission.
• As DATA (Data Out), this pin receives the data in
conjunction with RCLKOUT when the internal
FIFO is not used. When reading the internal
RXFIFOREG, this pin must be pulled “low”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com