Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF49XAT-I/ST Datasheet(PDF) 51 Page - Microchip Technology

Part # MRF49XAT-I/ST
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/ST Datasheet(HTML) 51 Page - Microchip Technology

Back Button MRF49XAT-I/ST Datasheet HTML 47Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 48Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 49Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 50Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 51Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 52Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 53Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 54Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 102 page
background image
FIGURE 3-6:
AFC CIRCUIT FOR FREQUENCY OFFSET CORRECTION
SEL
11
10 Y
MUX
Digital AFC
Core Logic
Digital Limiter
Frequency
Offset
Register
ADDER
Baseband Signal IN
If IN > MaxDEV then,
OUT = MaxDEV
If IN < MinDEV then,
OUT = MinDEV
ELSE,
OUT = IN
Output Enable
7-Bit
12-Bit
Signals for Auto
Operation modes
Strobe
Range Limit
POR
Auto Operation
AUTOMS<1:0>
DIO
Enable Calculation
/4
HAM
10 MHz CLK
CLK
FINE
FIFOEN
ARFO<1:0>
MFCS
FOREN
FREQB<11:0>
Output Enable
Strobe
CLK
CLR
FCOR<11:0>
Corrected Frequency
Parameter to
Synthesizer
Parameter from Frequency
Control Word
7
7
OFFSB
<6:0>
AFCCT
STSIG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com