Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF49XAT-I/ST Datasheet(PDF) 41 Page - Microchip Technology

Part # MRF49XAT-I/ST
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/ST Datasheet(HTML) 41 Page - Microchip Technology

Back Button MRF49XAT-I/ST Datasheet HTML 37Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 38Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 39Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 40Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 41Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 42Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 43Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 44Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 102 page
background image
© 2009-2011 Microchip Technology Inc.
Preliminary
DS70590C-page 41
MRF49XA
REGISTER 2-17:
PLLCREG: PLL CONFIGURATION REGISTER (POR: 0xCC77)
W-1
W-1
W-0
W-0
W-1
W-1
W-0
W-0
CCB<15:8>
bit 15
bit 8
W-0
W-1
W-1
W-1
W-0
W-1
W-1
W-1
—
CBTC<1:0>
r
PDDS
PLLDD
r
PLLBWB
bit 7
bit 0
Legend:
r = reserved bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-8
CCB<15:8>: Command Code bits
The command code bits (11001100b) are serially sent to the microcontroller to identify the bits to be
written in the PLLCREG.
bit 7
Unimplemented: Write as ‘0’
bit 6-5
CBTC<1:0>: Clock Buffer Time Control bits
These bits control the rise and fall time for the clock buffer which is dependant on the output clock
frequency from the BCSREG.
11 = 5 MHz - 10 MHz
10 = 3.3 MHz
01 = 2.5 MHz or less
00 = 2.5 MHz or less
bit 4
Reserved: Masked to ‘1’
bit 3
PDDS: Phase Detector Delay Switch bit
1 = Enables the phase detector delay function
0 = Disables the phase detector delay function
bit 2
PLLDD: PLL Dithering Disable bit
1 = Disables PLL dithering
0 = Enables PLL dithering
bit 1
Reserved: Write as ‘1’
bit 0
PLLBWB: PLL Bandwidth bit
Enabling the bit configures higher data rates, faster settling and reduced phase noise; thus, resulting
in a better RF performance.
1 = -102 dBc/Hz, > 90 kbps (max 256 kbps)
0 = -107 dBc/Hz, < 90 kbps (max 86.2 kbps)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com