Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF49XAT-I/ST Datasheet(PDF) 18 Page - Microchip Technology

Part # MRF49XAT-I/ST
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/ST Datasheet(HTML) 18 Page - Microchip Technology

Back Button MRF49XAT-I/ST Datasheet HTML 14Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 15Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 16Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 17Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 18Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 19Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 20Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 21Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 102 page
background image
MRF49XA
DS70590C-page 18
Preliminary
© 2009-2011 Microchip Technology Inc.
2.16
Memory Organization
The memory in MRF49XA is implemented as static
RAM and is accessible through the SPI port. Each
memory location functionally addresses a register, con-
trol, status or data/FIFO fields, as shown in Table 2-10.
The command/control registers provide control, status
and device address for transceiver operations. The
FIFOs serve as temporary buffers for data transmission
and reception.
The commands to the device are sent serially. All
17 commands basically address the 17 registers
affiliated to it. The registers consist of a command
code, followed by control, data, status or parameter
bits. The MSb is sent first in all of the commands (e.g.,
bit 15 for a 16-bit command). The POR circuit sets the
default values in all control and command registers.
In general, MRF49XA registers are read only. Hence
the chip status can only be read by the Status Read
Register. During write, only appropriate byte is written
to the desired register. It is not desired to read/write all
registers and there is no way to read back the register.
TABLE 2-4:
CONTROL (COMMAND) REGISTER DESCRIPTION
SI. No. Register Name
Register Description
Related Control Functions
1
STSREG
Status Read Register
Receive register/FIFO, transmit register,
interrupt, frequency control and signal
strength, POR, wake-up timer, low battery
detect, data quality, clock recovery
2
GENCREG
General Configuration Register
Frequency band select, enables TX and RX
registers, crystal load capacitor bank value
3
AFCCREG
AFC Configuration Register
AFC locking range, mode, accuracy and
enable
4
TXCREG
Transmit Configuration Register
Modulation polarity, modulation bandwidth,
transmit power and deviation
5
TXBREG
Transmit Byte Register
Transmit data byte
6
CFSREG
Center Frequency Value Set Register
Transmit or receive frequency
7
RXCREG
Receive Control Register
Function of pin 16, DIO mode, RX BBBW,
LNA gain, digital RSSI threshold
8
BBFCREG
Baseband Filter Configuration Register
Clock Recovery mode, data indicator
parameter value and filter type
9
RXFIFOREG
Receiver FIFO Read Register
Receive data byte
10
FIFORSTREG FIFO and Reset mode Configuration
Register
FIFO interrupt level, FIFO start control and
FIFO enable, POR Sensitivity mode,
synchronous character length
11
SYNBREG
Synchronous Byte Configuration Register
Synchronous character pattern
12
DRSREG
Data Rate Value Set Register
Data rate prescalar set
13
PMCREG
Power Management Configuration Register Enables receive and transmit chain,
baseband circuit, synthesizer circuit,
oscillator, wake-up timer, low battery detect
and clock out
14
WTSREG
Wake-up Timer Value Set Register
Wake-up timer values for time interval
15
DCSREG
Duty Cycle Value Set Register
Duty Cycle mode and value
16
BCSREG
Battery Threshold Detect and Clock Output
Value Set Register
Low battery detect threshold values and
clock output frequency
17
PLLCREG
PLL Configuration Register
Clock out buffer speed, PLL bandwidth,
dithering and delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com