Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF49XAT-I/ST Datasheet(PDF) 3 Page - Microchip Technology

Part # MRF49XAT-I/ST
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/ST Datasheet(HTML) 3 Page - Microchip Technology

  MRF49XAT-I/ST Datasheet HTML 1Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 2Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 3Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 4Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 5Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 6Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 7Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 8Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 102 page
background image
© 2009-2011 Microchip Technology Inc.
Preliminary
DS70590C-page 3
MRF49XA
Features
• Fully Integrated Sub-GHz Transceiver
• Supports Proprietary Sub-GHz Wireless Protocols
• 4-Wire Serial Peripheral Interface (SPI)
Compatible Interface
• CMOS/TTL Compatible I/Os
• Clock and Reset Signals for Microcontroller
• Integrated 10 MHz Oscillator Circuitry
• Integrated Low Battery Voltage Detector
• Supports Power-Saving modes
• Operating Voltage: 2.2V–3.8V
• Low-Current Consumption, Typically:
- 11 mA in RX mode
- 15 mA in TX mode
-0.3
μA in Sleep mode
• Industrial Temperature Range
• 16-Pin TSSOP Package
RF/Analog Features
• Supports ISM Band Sub-GHz Frequency Ranges
(433 MHz, 868 MHz and 915 MHz)
• Modulation Technique: FSK with Frequency
Hopping Spread Spectrum (FHSS) Capability
• Supports High Data Rates:
- Digital mode 115.2 kbps, max.
- Analog mode 256 kbps, max.
• Differential RF Input/Output:
- -110 dBm Typical Sensitivity with 0 dBm
Maximum Input Level
- +7 dBm Typical Transmit Output Power
• High-Resolution Programmable Phase-Locked
Loop (PLL) Synthesizer
• Integrated Power Amplifier
• Integrated Low Phase Noise Voltage Controlled
Oscillator (VCO) Frequency
• Synthesizer and PLL Loop Filter
• Automatic Frequency Control (AFC)
Baseband Features
• Supports Programmable TX Frequency Deviation
and RX Baseband Bandwidth (BBBW)
• Analog and Digital RSSI Outputs with Dynamic
Range
• RX Synchronous Pattern Recognition
• 16-Bit RX Data FIFO
• Two 8-Bit TX Data Registers
• Low-Power Duty Cycle mode
• Advanced Adjacent Channel Rejection/Blocking
Capability
• Internal Data and Clock Recovery
• Supports Data Filtering
• Data Quality Indicator (DQI)
Typical Applications
• Home/Industrial Automation
• Remote Control
• Wireless PC Peripherals
• Remote Keyless Entry
• Vehicle Sensor Monitoring
• Telemetry
• Data Logging Systems
• Remote Automatic Meter Reading
• Security Systems for Home/Industrial
Environment
• Automobile Immobilizers
• Sports and Performance Monitoring
• Wireless Toy Controls
• Medical Applications
ISM Band Sub-GHz RF Transceiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com