Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF49XAT-I/ST Datasheet(PDF) 59 Page - Microchip Technology

Part # MRF49XAT-I/ST
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/ST Datasheet(HTML) 59 Page - Microchip Technology

Back Button MRF49XAT-I/ST Datasheet HTML 55Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 56Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 57Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 58Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 59Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 60Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 61Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 62Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 102 page
background image
© 2009-2011 Microchip Technology Inc.
Preliminary
DS70590C-page 59
MRF49XA
The DIO signal response time setting is configured
through RXCREG and has the following modes of
operation:
• Default mode: The DIO is permanently
connected to logic high. It always stays high
independent of the receiving parameters.
• Slow mode: The DIO signal goes high if the
digital RSSI, DQI and Clock Recovery Lock
(CR_LOCK) signals are present. It stays high
until any of these signals are present and goes
low when all three input signals are low.
• Medium mode: The DIO signal is active when
the CR_LOCK and the DRSSI or the DQI signals
are high. It goes low when either the CR_LOCK
becomes inactive or the DRSSI or DQI signals
goes low.
• Fast mode: The DIO signal follows the level of
the DQI signal.
The registers associated with DQI are:
• STSREG (see Register 2-1)
• RXCREG (see Register 2-7)
• BBFCREG (see Register 2-8)
3.12
Programmable Synchronous Byte
The internal synchronous pattern and the pattern
length are user-programmable. The MRF49XA is
configured to use a synchronous character to indicate
the valid incoming data. The synchronous character
selection is done through the FIFORSTREG. The
character is divided into two bytes: SCL1 and SCL0.
The SCL0 byte is user-configurable, whereas SCL1 is
fixed to 2Dh and is non-programmable. The
synchronous character can also be configured as a
byte character or a word character. A byte character
uses only SCL0, whereas the word character uses
both
SCL1
and
SCL0.
Since
SCL0
is
user-configurable, it is advantageous while operating
under interferences and also while identifying the
related transmitters.
The registers associated with the programmable
synchronous byte are:
• FIFORSTREG (see Register 2-10)
• PMCREG (see Register 2-13)
3.13
Received Signal Strength
Indicator
The Received Signal Strength Indicator (RSSI)
estimates the received signal power within the
bandwidth of ISM channels. The MRF49XA provides
both analog RSSI and digital RSSI. A digital RSSI output
is provided to monitor the input signal level. The signal
goes high if the received signal strength exceeds a given
preprogrammed level. The digital RSSI threshold is
programmable through RXCREG, and is read and
monitored only through STSREG. When an incoming
signal is stronger than the preprogrammed threshold, the
digital RSSI bit in the STSREG is set. The settling time of
digital RSSI depends on the external filter capacitor.
The DRSSIT value is a 3-bit binary value ranging from
0 to 8. Table 3-2 shows the mapping between the
DRSSIT value versus the received power level. The
number of symbols to average can be changed by
programming the DRSSIT bits (RXCREG<2:0>).
The digital RSSI is basically a sensitive comparator
behind an analog RSSI block. The comparator
threshold can be set using the three bits and the
comparator output can be read out through the Status
Read register. The curve in Figure 3-11 shows the
analog RSSI output voltage versus signal strength.
The analog RSSI level is linear with input signal levels
between -103 dBm and -73 dBm. The RSSIO pin in
MRF49XA is used as an analog RSSI output and better
results can be achieved by using this pin with a
sensitive comparator.
These bits can be set to indicate the incoming signal
strength above a preset limit. The result enables or
disables the DQDO bit (STSREG<7>). The RSSI
threshold depends on the LNA gain and the real RSSI
threshold can be calculated by using the formula as
given in Equation 3-2.
EQUATION 3-2:
In Transmit mode, the ATRSSI bit (STSREG<8>)
indicates that the antenna tuning circuit has detected a
relatively strong RF signal.
In Receive mode, the ATRSSI bit indicates that the
incoming RF signal is above the preprogrammed
digital RSSI threshold.
RSSIth = RSSIsetth + GLNA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com