Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLL1_C4 Datasheet(PDF) 133 Page - Altera Corporation

Part # PLL1_C4
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL1_C4 Datasheet(HTML) 133 Page - Altera Corporation

Back Button PLL1_C4 Datasheet HTML 129Page - Altera Corporation PLL1_C4 Datasheet HTML 130Page - Altera Corporation PLL1_C4 Datasheet HTML 131Page - Altera Corporation PLL1_C4 Datasheet HTML 132Page - Altera Corporation PLL1_C4 Datasheet HTML 133Page - Altera Corporation PLL1_C4 Datasheet HTML 134Page - Altera Corporation PLL1_C4 Datasheet HTML 135Page - Altera Corporation PLL1_C4 Datasheet HTML 136Page - Altera Corporation PLL1_C4 Datasheet HTML 137Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 274 page
background image
Chapter 7: High-Speed Differential Interfaces in the Cyclone III Device Family
7–11
High-Speed I/O Standards Support
December 2011
Altera Corporation
Cyclone III Device Handbook
Volume 1
Figure 7–6 shows a RSDS, mini-LVDS, or PPDS interface with two singled-ended
output buffers and external resistors.
A resistor network is required to attenuate the output voltage swing to meet RSDS,
mini-LVDS, and PPDS specifications when using emulated transmitters. You can
modify the resistor network values to reduce power or improve the noise margin.
The resistor values chosen must satisfy Equation 7–1.
1 Altera recommends that you perform simulations using Cyclone III device family IBIS
models to validate that custom resistor values meet the RSDS, mini-LVDS, or PPDS
requirements.
You can use a single external resistor instead of using three resistors in the resistor
network for an RSDS interface, as shown in Figure 7–7. The external single-resistor
solution reduces the external resistor count while still achieving the required
signaling level for RSDS. However, the performance of the single-resistor solution is
lower than the performance with the three-resistor network.
Figure 7–6. RSDS, Mini-LVDS, or PPDS Interface with External Resistor Network on the Top and Bottom I/O Banks (1)
Note to Figure 7–6:
(1) R
S = 120  ; RP =170 
100
Ω
50
Ω
Cyclone III Device Family
Resistor Network
R
S
R
P
R
S
50
Ω
Emulated RSDS,
Mini-LVDS, or PPDS
Transmitter
RSDS, Mini-LVDS,
or PPDS Receiver
Equation 7–1.
RS
RP
2
-------
RS
RP
2
-------
+
--------------------
50 
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com