Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLL1_C4 Datasheet(PDF) 137 Page - Altera Corporation

Part # PLL1_C4
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL1_C4 Datasheet(HTML) 137 Page - Altera Corporation

Back Button PLL1_C4 Datasheet HTML 133Page - Altera Corporation PLL1_C4 Datasheet HTML 134Page - Altera Corporation PLL1_C4 Datasheet HTML 135Page - Altera Corporation PLL1_C4 Datasheet HTML 136Page - Altera Corporation PLL1_C4 Datasheet HTML 137Page - Altera Corporation PLL1_C4 Datasheet HTML 138Page - Altera Corporation PLL1_C4 Datasheet HTML 139Page - Altera Corporation PLL1_C4 Datasheet HTML 140Page - Altera Corporation PLL1_C4 Datasheet HTML 141Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 274 page
background image
Chapter 7: High-Speed Differential Interfaces in the Cyclone III Device Family
7–15
True Output Buffer Feature
December 2011
Altera Corporation
Cyclone III Device Handbook
Volume 1
Figure 7–13 shows the differential HSTL Class II interface.
True Output Buffer Feature
Cyclone III device family true differential transmitters offer programmable
pre-emphasis—you can choose to turn it on or off. The default setting is on.
Programmable Pre-Emphasis
The programmable pre-emphasis boosts the high frequencies of the output signal to
compensate the frequency-dependent attenuation of the transmission line to
maximize the data eye opening at the far-end receiver. Without pre-emphasis, the
output current is limited by the VOD specification and the output impedance of the
transmitter. At high frequency, the slew rate may not be fast enough to reach full VOD
before the next edge; this may lead to pattern dependent jitter. With pre-emphasis, the
output current is momentarily boosted during switching to increase the output slew
rate. The overshoot produced by this extra switching current is different from the
overshoot caused by signal reflection. This overshoot happens only during switching,
and does not produce ringing.
Figure 7–14 shows the differential output signal with pre-emphasis.
Figure 7–13. Differential HSTL Class II Interface
Note to Figure 7–13:
(1) PLL output clock pins do not support differential HSTL Class II I/O standard.
Output Buffer (1)
Receiver
Z0 = 50 Ω
50
Ω
50
Ω
Z0 = 50 Ω
VTT
VTT
50
Ω
50
Ω
VTT
VTT
Figure 7–14. The Output Signal with Pre-Emphasis
V
OD
Positive channel (p)
Negative channel (n)
Overshoot
Undershoot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com