| Electronic Components Datasheet Search |
|
PLL1_C4 Datasheet(PDF) 139 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL1_C4 Datasheet(HTML) 139 Page - Altera Corporation |
|
139 / 274 page ![]() Chapter 7: High-Speed Differential Interfaces in the Cyclone III Device Family 7–17 Design Guidelines December 2011 Altera Corporation Cyclone III Device Handbook Volume 1 Figure 7–16 shows the Cyclone III device family high-speed I/O timing budget. f For more information, refer to the Cyclone III Device Data Sheet and Cyclone III LS Device Data Sheet chapters in volume 2 of the Cyclone III Device Handbook. Design Guidelines This section provides guidelines for designing with the Cyclone III device family. Differential Pad Placement Guidelines To maintain an acceptable noise level on the VCCIO supply, you must observe some restrictions on the placement of single-ended I/O pins in relation to differential pads. Altera recommends that you create a Quartus II design, enter your device I/O assignments, and compile your design to validate your pin placement. The Quartus II software checks your pin connections with respect to the I/O assignment and placement rules to ensure proper device operation. f For more information about how the Quartus II software checks I/O restrictions, refer to the I/O Management chapter in volume 2 of the Quartus II Handbook. Board Design Considerations This section explains how to achieve the optimal performance from the Cyclone III device family I/O interface and ensure first-time success in implementing a functional design with optimal signal quality. You must consider the critical issues of controlled impedance of traces and connectors, differential routing, and termination techniques to get the best performance from the Cyclone III device family. Use the following general guidelines for improved signal quality: ■ Base board designs on controlled differential impedance. Calculate and compare all parameters, such as trace width, trace thickness, and the distance between two differential traces. ■ Maintain equal distance between traces in differential I/O standard pairs as much as possible. Routing the pair of traces close to each other maximizes the common-mode rejection ratio (CMRR). Figure 7–16. Cyclone III Device Family High-Speed I/O Timing Budget (1) Note to Figure 7–16: (1) The equation for the high-speed I/O timing budget is: Internal Clock Period RSKM 0.5 × TCCS RSKM 0.5 × TCCS SW eriod 0.5 TCCS RSKM SW RSKM 0.5 TCCS ++ + + = |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |