Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLL1_C4 Datasheet(PDF) 136 Page - Altera Corporation

Part # PLL1_C4
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL1_C4 Datasheet(HTML) 136 Page - Altera Corporation

Back Button PLL1_C4 Datasheet HTML 132Page - Altera Corporation PLL1_C4 Datasheet HTML 133Page - Altera Corporation PLL1_C4 Datasheet HTML 134Page - Altera Corporation PLL1_C4 Datasheet HTML 135Page - Altera Corporation PLL1_C4 Datasheet HTML 136Page - Altera Corporation PLL1_C4 Datasheet HTML 137Page - Altera Corporation PLL1_C4 Datasheet HTML 138Page - Altera Corporation PLL1_C4 Datasheet HTML 139Page - Altera Corporation PLL1_C4 Datasheet HTML 140Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 274 page
background image
7–14
Chapter 7: High-Speed Differential Interfaces in the Cyclone III Device Family
High-Speed I/O Standards Support
Cyclone III Device Handbook
December 2011
Altera Corporation
Volume 1
Figure 7–11 shows the differential SSTL Class II interface.
Differential HSTL I/O Standard Support in the Cyclone III Device Family
The differential HSTL I/O standard is used for the applications designed to operate in
0V to 1.2 V, 0V to 1.5V, or 0V to 1.8V HSTL logic switching range. The CycloneIII
device family supports differential HSTL-18, HSTL-15, and HSTL-12 I/O standards.
The differential HSTL input standard is available on GCLK pins only, treating the
differential inputs as two single-ended HSTL and only decoding one of them. The
differential HSTL output standard is only supported at the PLL#_CLKOUT pins using
two single-ended HSTL output buffers (PLL#_CLKOUTp and PLL#_CLKOUTn), with the
second output programmed to have opposite polarity.
The differential HSTL I/O standard requires two differential inputs with an external
reference voltage (VREF), as well as an external termination voltage (VTT) of 0.5 × VCCIO
to which termination resistors are connected.
f For more information about the differential HSTL signaling characteristics, refer to the
I/O Features in the Cyclone III Device Family, Cyclone III Device Data Sheet, and Cyclone III
LS Device Data Sheet chapters.
Figure 7–12 shows the differential HSTL Class I interface.
Figure 7–11. Differential SSTL Class II Interface
Note to Figure 7–11:
(1) PLL output clock pins do not support differential SSTL-18 Class II I/O standard.
Output Buffer
(1)
Receiver
VTT
VTT
VTT
VTT
Figure 7–12. Differential HSTL Class I Interface
Output Buffer
Receiver
Z0 = 50 Ω
50
Ω
50
Ω
Z0 = 50 Ω
VTT
VTT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com