Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLL1_C4 Datasheet(PDF) 150 Page - Altera Corporation

Part # PLL1_C4
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL1_C4 Datasheet(HTML) 150 Page - Altera Corporation

Back Button PLL1_C4 Datasheet HTML 146Page - Altera Corporation PLL1_C4 Datasheet HTML 147Page - Altera Corporation PLL1_C4 Datasheet HTML 148Page - Altera Corporation PLL1_C4 Datasheet HTML 149Page - Altera Corporation PLL1_C4 Datasheet HTML 150Page - Altera Corporation PLL1_C4 Datasheet HTML 151Page - Altera Corporation PLL1_C4 Datasheet HTML 152Page - Altera Corporation PLL1_C4 Datasheet HTML 153Page - Altera Corporation PLL1_C4 Datasheet HTML 154Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 274 page
background image
8–8
Chapter 8: External Memory Interfaces in the Cyclone III Device Family
Cyclone III Device Family Memory Interfaces Pin Support
Cyclone III Device Handbook
July 2012
Altera Corporation
Volume 1
f For more information about device package outline, refer to the Package and Thermal
Resistance page.
DQS
pins are listed in the Cyclone III and Cyclone III LS pin tables as DQSXY, in which X
indicates the DQS grouping number and Y indicates whether the group is located on
the top (T), bottom (B), left (L) or right (R) side of the device. Similarly, the
corresponding DQ pins are marked as DQXY, in which the X denotes the DQ grouping
number and Y denotes whether the group is located on the top (T), bottom (B), left (L)
or right (R) side of the device. For example, DQS2T indicates a DQS pin belonging to
group 2, located on the top side of the device. Similarly, the DQ pins belonging to that
group is shown as DQ2T.
1 Each DQ group is associated with its corresponding DQS pins, as defined in the Cyclone
III and Cyclone III LS pin tables; for example:
■
For DDR2 or DDR SDRAM, ×8 DQ group DQ3B[7:0] pins are associated with
the DQS3B pin (same 3B group index)
■
For QDR II SRAM, ×9 Q read-data group DQ3L[8..0] pins are associated with
DQS2L/CQ3L
and DQS3L/CQ3L# pins (same 3L group index)
The Quartus® II software issues an error message if a DQ group is not placed properly
with its associated DQS.
Figure 8–2 shows the location and numbering of the DQS, DQ, or CQ# pins in the
Cyclone III device family I/O banks.
1 For maximum timing performance, Altera recommends that the data groups for
external memory interfaces must always be within the same side of a device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com