Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLL1_C4 Datasheet(PDF) 152 Page - Altera Corporation

Part # PLL1_C4
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL1_C4 Datasheet(HTML) 152 Page - Altera Corporation

Back Button PLL1_C4 Datasheet HTML 148Page - Altera Corporation PLL1_C4 Datasheet HTML 149Page - Altera Corporation PLL1_C4 Datasheet HTML 150Page - Altera Corporation PLL1_C4 Datasheet HTML 151Page - Altera Corporation PLL1_C4 Datasheet HTML 152Page - Altera Corporation PLL1_C4 Datasheet HTML 153Page - Altera Corporation PLL1_C4 Datasheet HTML 154Page - Altera Corporation PLL1_C4 Datasheet HTML 155Page - Altera Corporation PLL1_C4 Datasheet HTML 156Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 274 page
background image
8–10
Chapter 8: External Memory Interfaces in the Cyclone III Device Family
Cyclone III Device Family Memory Interfaces Pin Support
Cyclone III Device Handbook
July 2012
Altera Corporation
Volume 1
In Cyclone III device family, the ×9 mode uses the same DQ and DQS pins as the ×8
mode, and one additional DQ pin that serves as a regular I/O pin in the ×8 mode. The
×18 mode uses the same DQ and DQS pins as ×16 mode, with two additional DQ pins
that serve as regular I/O pins in the ×16 mode. Similarly, the ×36 mode uses the same
DQ
and DQS pins as the ×32 mode, with four additional DQ pins that serve as regular
I/O pins in the ×32 mode. When not used as DQ or DQS pins, the memory interface pins
are available as regular I/O pins.
Optional Parity, DM, and Error Correction Coding Pins
Cyclone III device family supports parity in ×9, ×18, and ×36 modes. One parity bit is
available per eight bits of data pins. You can use any of the DQ pins for parity in
Cyclone III device family because the parity pins are treated and configured similar to
DQ
pins.
DM pins are only required when writing to DDR2 and DDR SDRAM devices.
QDR II SRAM devices use the BWS# signal to select the byte to be written into
memory. A low signal on the DM or BWS# pin indicates the write is valid. Driving the
DM or BWS# pin high causes the memory to mask the DQ signals. Each group of DQS
and DQ signals has one DM pin. Similar to the DQ output signals, the DM signals are
clocked by the -90° shifted clock.
In Cyclone III device family, the DM pins are preassigned in the device pinouts. The
Quartus II Fitter treats the DQ and DM pins in a DQS group equally for placement
purposes. The preassigned DQ and DM pins are the preferred pins to use.
Some DDR2 SDRAM and DDR SDRAM devices support error correction coding
(ECC), a method of detecting and automatically correcting errors in data
transmission. In 72-bit DDR2 or DDR SDRAM, there are eight ECC pins and 64 data
pins. Connect the DDR2 and DDR SDRAM ECC pins to a separate DQS or DQ group in
Cyclone III device family. The memory controller needs additional logic to encode
and decode the ECC data.
Address and Control/Command Pins
The address signals and the control or command signals are typically sent at a single
data rate. You can use any of the user I/O pins on all I/O banks of Cyclone III device
family to generate the address and control or command signals to the memory device.
1 Cyclone III device family does not support QDR II SRAM in the burst length of two.
Memory Clock Pins
In DDR2 and DDR SDRAM memory interfaces, the memory clock signals (CK and
CK#) are used to capture the address signals and the control or command signals.
Similarly, QDR II SRAM devices use the write clocks (K and K#) to capture the
address and command signals. The CK/CK# and K/K# signals are generated to
resemble the write-data strobe using the DDIO registers in Cyclone III device family.
f For more information about CK/CK# pins placement, refer to the “Pin Connection
Guidelines Tables” section in the Planning Pin and FPGA Resources chapter of the
External Memory Interface Handbook.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com