| Electronic Components Datasheet Search |
|
PLL1_C4 Datasheet(PDF) 153 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL1_C4 Datasheet(HTML) 153 Page - Altera Corporation |
|
153 / 274 page ![]() Chapter 8: External Memory Interfaces in the Cyclone III Device Family 8–11 Cyclone III Device Family Memory Interfaces Features July 2012 Altera Corporation Cyclone III Device Handbook Volume 1 Cyclone III Device Family Memory Interfaces Features This section describes Cyclone III device family memory interfaces, including DDR input registers, DDR output registers, OCT, and phase-lock loops (PLLs). DDR Input Registers The DDR input registers are implemented with three internal logic element (LE) registers for every DQ pin. These LE registers are located in the logic array block (LAB) adjacent to the DDR input pin. Figure 8–4 shows Cyclone III device family DDR input registers. The DDR data is first fed to two registers, input register AI and input register BI. ■ Input register AI captures the DDR data present during the rising edge of the clock ■ Input register BI captures the DDR data present during the falling edge of the clock ■ Register CI aligns the data before it is synchronized with the system clock The data from the DDR input register is fed to two registers, sync_reg_h and sync_reg_l , then the data is typically transferred to a FIFO block to synchronize the two data streams to the rising edge of the system clock. Because the read-capture clock is generated by the PLL, the read-data strobe signal (DQS or CQ) is not used during read operation in Cyclone III device family; hence, postamble is not a concern in this case. Figure 8–4. Cyclone III Device Family DDR Input Registers dataout_h LE Register LE Register LE Register DQ dataout_l Input Register B I Input Register A I neg_reg_out Register C I DDR Input Registers in Cyclone III Device Family Capture Clock PLL |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |