Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLL1_C4 Datasheet(PDF) 155 Page - Altera Corporation

Part # PLL1_C4
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL1_C4 Datasheet(HTML) 155 Page - Altera Corporation

Back Button PLL1_C4 Datasheet HTML 151Page - Altera Corporation PLL1_C4 Datasheet HTML 152Page - Altera Corporation PLL1_C4 Datasheet HTML 153Page - Altera Corporation PLL1_C4 Datasheet HTML 154Page - Altera Corporation PLL1_C4 Datasheet HTML 155Page - Altera Corporation PLL1_C4 Datasheet HTML 156Page - Altera Corporation PLL1_C4 Datasheet HTML 157Page - Altera Corporation PLL1_C4 Datasheet HTML 158Page - Altera Corporation PLL1_C4 Datasheet HTML 159Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 274 page
background image
Chapter 8: External Memory Interfaces in the Cyclone III Device Family
8–13
Cyclone III Device Family Memory Interfaces Features
July 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
f For more information about Cyclone III device family IOE registers, refer to the
I/O Features in the Cyclone III Device Family chapter.
Figure 8–6 shows how the second output enable register extends the DQS
high-impedance state by half a clock cycle during a write operation.
OCT
Cyclone III device family supports calibrated on-chip series termination (RS OCT) in
both vertical and horizontal I/O banks. To use the calibrated OCT, you must use the
RUP and RDN pins for each RS OCT control block (one for each side). You can use
each OCT calibration block to calibrate one type of termination with the same VCCIO
for that given side.
f For more information about Cyclone III device family OCT calibration block, refer to
the Cyclone III Device I/O Features chapter.
PLL
When interfacing with external memory, the PLL is used to generate the memory
system clock, the write clock, the capture clock and the logic-core clock. The system
clock generates the DQS write signals, commands, and addresses. The write-clock is
shifted by -90° from the system clock and generates the DQ signals during writes. You
can use the PLL reconfiguration feature to calibrate the read-capture phase shift to
balance the setup and hold margins.
Figure 8–6. Extending the OE Disable by Half a Clock Cycle for a Write Transaction (1)
Note to Figure 8–6:
(1) The waveform reflects the software simulation result. The OE signal is an active low on the device. However, the Quartus II software implements
the signal as an active high and automatically adds an inverter before the AOE register D input.
System clock
(outclock for DQS)
OE for DQS
(from logic array)
DQS
Write Clock
(outclock for DQ,
-90 phase shifted
from System Clock)
o
datain_h
(from logic array)
datain_I
(from logic array)
OE for DQ
(from logic array)
DQ
D0
D1
D2
D3
D0
D2
D1
D3
Preamble
Postamble
Delay
by Half
a Clock
Cycle
90o



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com