Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLL1_C4 Datasheet(PDF) 189 Page - Altera Corporation

Part # PLL1_C4
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL1_C4 Datasheet(HTML) 189 Page - Altera Corporation

Back Button PLL1_C4 Datasheet HTML 185Page - Altera Corporation PLL1_C4 Datasheet HTML 186Page - Altera Corporation PLL1_C4 Datasheet HTML 187Page - Altera Corporation PLL1_C4 Datasheet HTML 188Page - Altera Corporation PLL1_C4 Datasheet HTML 189Page - Altera Corporation PLL1_C4 Datasheet HTML 190Page - Altera Corporation PLL1_C4 Datasheet HTML 191Page - Altera Corporation PLL1_C4 Datasheet HTML 192Page - Altera Corporation PLL1_C4 Datasheet HTML 193Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 274 page
background image
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
9–31
Configuration Features
August 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
Figure 9–11 shows the AP configuration with multiple bus masters.
Figure 9–11. AP Configuration with Multiple Bus Masters
Notes to Figure 9–11:
(1) Connect the pull-up resistors to the VCCIO supply of the bank in which the pin resides.
(2) The nCEO pin is left unconnected or used as a user I/O pin when it does not feed the nCE pin of another device.
(3) The MSEL pin settings vary for different configuration voltage standards and POR time. To connect MSEL[3..0], refer to Table 9–7 on page 9–11.
Connect the MSEL pins directly to VCCA or GND.
(4) The AP configuration ignores the WAIT signal during configuration mode. However, if you are accessing flash during user mode with user logic,
you can optionally use the normal I/O to monitor the WAIT signal from the Micron P30 or P33 flash.
(5) When cascading Cyclone III devices in a multi-device AP configuration, connect the repeater buffers between the master device and slave devices
for DATA[15..0] and DCLK. All I/O inputs must maintain a maximum AC voltage of 4.1 V. The output resistance of the repeater buffers must fit
the maximum overshoot equation outlined in “Configuration and JTAG Pin I/O Requirements” on page 9–7.
(6) The other master device must fit the maximum overshoot equation outlined in “Configuration and JTAG Pin I/O Requirements” on page 9–7.
(7) The other master device can control the AP configuration bus by driving the nCE pin to high with an output high on the I/O pin.
(8) The other master device can pulse nCONFIG if it is under system control rather than tied to VCCIO.
CLK
RST#
CE#
OE#
ADV#
WE#
WAIT
DQ[15:0]
A[24:1]
DCLK (5)
nRESET
FLASH_nCE
nOE
nAVD
nWE
I/O (4)
DATA[15..0] (5)
PADD[23..0]
nCE
VCCIO (1)
VCCIO (1)
10 k
10 k
MSEL[3..0]
(3)
nCEO
Cyclone III Master Device
Micron P30/P33 Flash
GND
10 k
(2)
Other Master Device (6)
VCCIO (1)
10 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com