| Electronic Components Datasheet Search |
|
PLL1_C4 Datasheet(PDF) 191 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL1_C4 Datasheet(HTML) 191 Page - Altera Corporation |
|
191 / 274 page ![]() Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family 9–33 Configuration Features August 2012 Altera Corporation Cyclone III Device Handbook Volume 1 Programming Parallel Flash Memories Supported parallel flash memories are external non-volatile configuration devices. They are industry standard microprocessor flash memories. For more information about the supported families for the commodity parallel flash, refer to Table 9–11 on page 9–24. Cyclone III devices in a single- or multiple-device chains support in-system parallel flash programming with the JTAG interface using the flash loader megafunction. For Cyclone III devices, the board-intelligent host or download cable uses four JTAG pins to program the parallel flash in system, even if the host or download cable cannot access the configuration pins of the parallel flash. f For more information about using the JTAG pins on Cyclone III devices to program the parallel flash in-system, refer to AN 478: Using FPGA-Based Parallel Flash Loader (PFL) with the Quartus II Software. In the AP configuration scheme, the default configuration boot address is 0×010000 when represented in 16-bit word addressing in the supported parallel flash memory (Figure 9–13). In the Quartus II software, the default configuration boot address is 0x020000 because it is represented in 8-bit byte addressing. Cyclone III devices configure from word address 0x010000, which is equivalent to byte address 0x020000. 1 The Quartus II software uses byte addressing for the default configuration boot address. You must set the start address field to 0x020000. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |