Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLL1_C4 Datasheet(PDF) 190 Page - Altera Corporation

Part # PLL1_C4
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL1_C4 Datasheet(HTML) 190 Page - Altera Corporation

Back Button PLL1_C4 Datasheet HTML 186Page - Altera Corporation PLL1_C4 Datasheet HTML 187Page - Altera Corporation PLL1_C4 Datasheet HTML 188Page - Altera Corporation PLL1_C4 Datasheet HTML 189Page - Altera Corporation PLL1_C4 Datasheet HTML 190Page - Altera Corporation PLL1_C4 Datasheet HTML 191Page - Altera Corporation PLL1_C4 Datasheet HTML 192Page - Altera Corporation PLL1_C4 Datasheet HTML 193Page - Altera Corporation PLL1_C4 Datasheet HTML 194Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 274 page
background image
9–32
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
Configuration Features
Cyclone III Device Handbook
August 2012
Altera Corporation
Volume 1
Figure 9–12 shows the recommended balanced star routing for multiple bus master
interfaces to minimize signal integrity issue.
Estimating the AP Configuration Time
AP configuration time is dominated by the time it takes to transfer data from the
parallel flash to the Cyclone III devices. This parallel interface is clocked by the
Cyclone III DCLK output (generated from an internal oscillator). As listed in Table 9–8
on page 9–14, the DCLK minimum frequency when using the 40-MHz oscillator is
20 MHz (50 ns). In word-wide cascade programming, the DATA[15..0] bus transfers a
16-bit word and essentially cuts configuration time to approximately 1/16 of the AS
configuration time. Therefore, the maximum configuration time estimation for an
EP3C40 device (9,600,000 bits of uncompressed data) is defined in Equation 9–4 and
Equation 9–5.
To estimate a typical configuration time, use the typical DCLK period listed in Table 9–8
on page 9–14. With a typical DCLK period of 33.33 ns, the typical configuration time is
20 ms.
Figure 9–12. Balanced Star Routing
Notes to Figure 9–12:
(1) Altera does not recommend M to exceed six inches as listed in Table 9–12 on page 9–30.
(2) Altera recommends using a balanced star routing. Try to keep the N length equal and as short as possible to minimize
reflection noise from the transmission line. The M length is applicable for this setup.
Equation 9–4.
Equation 9–5.
External
Master Device
Cyclone III
Master Device
Micron Flash
DCLK
M (1)
N (2)
N (2)
Size
maximum DCLK period
16 bits per DCLK cycle
----------------------------------------------------------------


estimated maximum configuration ti
=
9,600,000 bits
50 ns
16 bits
-----------------


30 ms
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com