Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLL1_C4 Datasheet(PDF) 215 Page - Altera Corporation

Part # PLL1_C4
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL1_C4 Datasheet(HTML) 215 Page - Altera Corporation

Back Button PLL1_C4 Datasheet HTML 211Page - Altera Corporation PLL1_C4 Datasheet HTML 212Page - Altera Corporation PLL1_C4 Datasheet HTML 213Page - Altera Corporation PLL1_C4 Datasheet HTML 214Page - Altera Corporation PLL1_C4 Datasheet HTML 215Page - Altera Corporation PLL1_C4 Datasheet HTML 216Page - Altera Corporation PLL1_C4 Datasheet HTML 217Page - Altera Corporation PLL1_C4 Datasheet HTML 218Page - Altera Corporation PLL1_C4 Datasheet HTML 219Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 274 page
background image
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
9–57
Configuration Features
August 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
Figure 9–29. Combining JTAG and AS Configuration Schemes
Notes to Figure 9–29:
(1) Connect these pull-up resistors to the VCCIO supply of the bank in which the pin resides.
(2) Power up the VCC of the ByteBlaster II, USB-Blaster, or Ethernet Blaster cable with the 3.3-V supply.
(3) Pin 6 of the header is a VIO reference voltage for the MasterBlaster output driver. VIO must match the VCCA of the
device. For this value, refer to the MasterBlaster Serial/USB Communications Cable User Guide. In ByteBlasterMV,
this pin is a no connect. In USB-Blaster and ByteBlaster II, this pin is connected to nCE when it is used for AS
programming, otherwise it is a no connect.
(4) The MSEL pin settings vary for different configuration voltage standards and POR time. To connect MSEL[3..0]for
AS configuration schemes, refer to Table 9–7 on page 9–11. Connect the MSEL pins directly to VCCA or GND.
(5) These are dual-purpose I/O pins. This nCSO pin functions as the FLASH_NCE pin in AP mode. The ASDO pin functions
as the DATA[1] pin in other AP and FPP modes.
(6) Power up VCC of the ByteBlaster II, USB-Blaster, ByteBlasterMV, or Ethernet Blaster cable with a 2.5- V supply from
VCCA. Third-party programmers must switch to 2.5 V. Pin 4 of the header is a VCC power supply for the MasterBlaster
cable. The MasterBlaster cable can receive power from either 5.0- or 3.3-V circuit boards, DC power supply, or 5.0 V
from the USB cable. For this value, refer to the MasterBlaster Serial/USB Communications Cable User Guide.
(7) You must place the diodes and capacitors as close as possible to the Cyclone III device family. For effective voltage
clamping, Altera recommends using the Schottky diode, which has a relatively lower forward diode voltage (VF) than
the switching and Zener diodes. For more information about the interface guidelines using Schottky diodes, refer to
AN 523: Cyclone III Configuration Interface Guidelines with EPCS Devices.
(8) The resistor value can vary from 1 k
 to 10 k. Perform signal integrity analysis to select the resistor value for your
setup.
DATA
DCLK
nCS
ASDI
Serial
Configuration
Device
Cyclone III Device Family
10 k
Ω
10 k
Ω
VCCIO
VCCIO
GND
nCEO
nCE
nSTATUS
CONF_DONE
10 k
Ω
VCCIO
nCONFIG
MSEL [3..0]
(1)
(1)
(1)
(4)
10k
Ω
VCCA
N.C.
VCCA
TCK
TDO
TMS
TDI
GND
1 k
Ω
VCCA (6)
VIO (3)
3.3 V (2)
Pin 1
Pin 1
Download Cable
(JTAG Mode)
10-Pin Male Header
(top view)
Download Cable
(AS Mode)
10-Pin Male Header
3.3 V
10 pf
GND
GND
10 pf
10 pf
GND
10 pf
GND
(7)
(7)
(8)
(8)
3.3 V
3.3 V
3.3 V
DATA[0]
DCLK
nCSO (5)
ASDO (5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com