Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLL1_C4 Datasheet(PDF) 217 Page - Altera Corporation

Part # PLL1_C4
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL1_C4 Datasheet(HTML) 217 Page - Altera Corporation

Back Button PLL1_C4 Datasheet HTML 213Page - Altera Corporation PLL1_C4 Datasheet HTML 214Page - Altera Corporation PLL1_C4 Datasheet HTML 215Page - Altera Corporation PLL1_C4 Datasheet HTML 216Page - Altera Corporation PLL1_C4 Datasheet HTML 217Page - Altera Corporation PLL1_C4 Datasheet HTML 218Page - Altera Corporation PLL1_C4 Datasheet HTML 219Page - Altera Corporation PLL1_C4 Datasheet HTML 220Page - Altera Corporation PLL1_C4 Datasheet HTML 221Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 274 page
background image
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
9–59
Configuration Features
August 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
If you configure a master device with a SFL design, the master device enters user
mode even though the slave devices in the multiple device chain are not being
configured. The master device enters user mode with a SFL design even though the
CONF_DONE
signal is externally held low by the other slave devices in chain.
Figure 9–30 shows the JTAG configuration of a single Cyclone III device family with a
SFL design.
ISP of the Configuration Device
In the second stage, the SFL design in the master device allows you to write the
configuration data for the device chain into the serial configuration device with the
Cyclone III device family JTAG interface. The JTAG interface sends the programming
data for the serial configuration device to the Cyclone III device family first. The
Cyclone III device family then uses the ASMI pins to send the data to the serial
configuration device.
Figure 9–30. Programming Serial Configuration Devices In-System Using the JTAG Interface
Notes to Figure 9–30:
(1) Connect the pull-up resistors to the VCCIO supply of the bank in which the pin resides.
(2) The MSEL pin settings vary for different configuration voltage standards and POR time. To connect MSEL[3..0]for
AS configuration schemes, refer to Table 9–7 on page 9–11. Connect the MSEL pins directly to VCCA or GND.
(3) Pin 6 of the header is a VIO reference voltage for the MasterBlaster output driver. VIO must match the VCCA of the
device. For this value, refer to the MasterBlaster Serial/USB Communications Cable User Guide. In ByteBlasterMV,
this pin is a no connect. In USB-Blaster, ByteBlaster II, and Ethernet Blaster, this pin is connected to nCE when it is
used for AS programming, otherwise it is a no connect.
(4) The nCE pin must be connected to GND or driven low for successful JTAG configuration.
(5) The nCEO pin is left unconnected or used as a user I/O pin when it does not feed the nCE pin of another device.
(6) Power up the VCC of the ByteBlaster II, USB-Blaster, ByteBlasterMV, or Ethernet Blaster cable with a 2.5-V supply from
VCCA. Third-party programmers must switch to 2.5 V. Pin 4 of the header is a VCC power supply for the MasterBlaster
cable. The MasterBlaster cable can receive power from either 5.0- or 3.3-V circuit boards, DC power supply, or 5.0 V
from the USB cable. For this value, refer to the MasterBlaster Serial/USB Communications Cable User Guide.
(7) Connect the series resistor at the near end of the serial configuration device.
(8) These are dual-purpose I/O pins. The nCSO pin functions as the FLASH_NCE pin in AP mode. The ASDO pin functions
as the DATA[1] pin in other AP and FPP modes.
(9) The resistor value can vary from 1 k
 to 10 k. Perform signal integrity analysis to select the resistor value for your
setup.
nCE (4)
MSEL[3..0]
nCONFIG
CONF_DONE
VCCA
VCCA (6)
GND
VCCIO (1)
GND
VCCIO (1)
(2)
VCCA
10 k
Ω
10 k
Ω
(9)
(9)
nSTATUS
Pin 1
Download Cable 10-Pin Male
Header (Top View)
GND
TCK
TDO
TMS
TDI
1 k
Ω
GND
VIO (3)
Cyclone III Device Family
nCEO
N.C. (5)
DCLK
DATA[0]
nCSO (8)
ASDO (8)
DCLK
DATA
nCS
ASDI
Serial Configuration
Device
VCCIO (1)
10 k
Ω
Serial
Flash
Loader
25
Ω (7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com