| Electronic Components Datasheet Search |
|
PLL1_C4 Datasheet(PDF) 218 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL1_C4 Datasheet(HTML) 218 Page - Altera Corporation |
|
218 / 274 page ![]() 9–60 Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family Configuration Features Cyclone III Device Handbook August 2012 Altera Corporation Volume 1 Reconfiguration After the configuration data is successfully written into the serial configuration device, the Cyclone III device family does not reconfigure by itself. The intelligent host issues the PULSE_NCONFIG JTAG instruction to initialize the reconfiguration process. During reconfiguration, the master device is reset and the SFL design no longer exists in the Cyclone III device family and the serial configuration device configures all the devices in the chain with your user design. f For more information about SFL, refer to AN 370: Using the Serial FlashLoader with Quartus II Software. JTAG Instructions This section describes the instructions that are necessary for JTAG configuration for the Cyclone III device family. Table 9–17 lists the supported JTAG instructions. f For more information about the JTAG binary instruction code, refer to the IEEE 1149.1 (JTAG) Boundary-Scan Testing for Cyclone III Devices chapter. For Cyclone III LS devices, the device can only allow mandatory JTAG 1149.1 instructions after POR. These instructions are BYPASS, SAMPLE/PRELOAD, EXTEST and FACTORY . To enable the access of other JTAG instructions, issue the FACTORY instruction. The FACTORY instruction puts the device in a state in which it is ready for in-house testing and board-level testing and it must be executed before configuration starts. When this instruction is executed, the CRAM bits content and volatile key are cleared and the device is reset. Table 9–17. JTAG Instructions JTAG Instruction Cyclone III Device Cyclone III LS Device CONFIG_IO vv ACTIVE_DISENGAGE vv ACTIVE_ENGAGE vv EN_ACTIVE_CLK v — DIS_ACTIVE_CLK v — APFC_BOOT_ADDR v — FACTORY (1) — v KEY_PROG_VOL (2) — v KEY_CLR_VREG (2) — v Notes to Table 9–17: (1) In Cyclone III LS devices, the CONFIG_IO, ACTIVE_DISENGAGE, PULSE_NCONFIG, and PROGRAM instructions are supported, provided that the FACTORY instruction is executed. It is not necessary to execute the FACTORY instruction prior to the JTAG configuration in Cyclone III devices because this instruction is used for Cyclone III LS devices only. (2) Use the KEY_PROG_VOL and KEY_CLR_VREG instructions for the design security feature. For more information, refer to “Design Security” on page 9–70. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |