| Electronic Components Datasheet Search |
|
PLL1_C4 Datasheet(PDF) 220 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL1_C4 Datasheet(HTML) 220 Page - Altera Corporation |
|
220 / 274 page ![]() 9–62 Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family Configuration Features Cyclone III Device Handbook August 2012 Altera Corporation Volume 1 The CONFIG_IO instruction does not hold the nSTATUS pin low until reconfiguration. You must disengage the active configuration controllers (AS and AP) by issuing the ACTIVE_DISENGAGE and ACTIVE_ENGAGE instructions when the active configuration is interrupted. You must issue the ACTIVE_DISENGAGE instruction alone or prior to the CONFIG_IO instruction if the JTAG_PROGRAM instruction is to be issued later (Table 9–20). This puts the active configuration controllers into the idle state. The active configuration controller is re-engaged after user mode is reached using JTAG programming (Table 9–20). 1 While executing the CONFIG_IO instruction, all user I/Os are tri-stated. If reconfiguration after interruption is performed using configuration modes (rather than using JTAG_PROGRAM), it is not necessary to issue the ACTIVE_DISENGAGE instruction prior to CONFIG_IO. You can start reconfiguration by either pulling the nCONFIG pin low for at least 500 ns, or issuing the PULSE_NCONFIG instruction. If the ACTIVE_DISENGAGE instruction was issued and the JTAG_PROGRAM instruction fails to enter user mode, you must issue the ACTIVE_ENGAGE instruction to reactivate the active configuration controller. Issuing the ACTIVE_ENGAGE instruction also triggers the reconfiguration in configuration modes; therefore, it is not necessary to pull the nCONFIG pin low or issue the PULSE_NCONFIG instruction. ACTIVE_DISENGAGE The ACTIVE_DISENGAGE instruction places the active configuration controller (AS and AP) into an idle state prior to JTAG programming. The active configuration controller is the AS controller when the MSEL pins are set to AS configuration scheme and the AP controller when the MSEL pins are set to the AP configuration scheme. The two purposes of placing the active controllers in an idle state are: ■ To ensure that they are not trying to configure the device in their respective configuration modes during JTAG programming ACTIVE_ENGAGE AA R (2) R (2) AA R (2) R (2) —— — — PULSE_NCONFIG A (3) A (3) OO — — — — Pulse nCONFIG pin A (3) A (3) OO — — — — JTAG TAP Reset R R R R R R R R — — — — Notes to Table 9–19: (1) “R” indicates that the instruction is to be executed before the next instruction, “O” indicates the optional instruction, “A” indicates that the instruction must be executed, and “NA” indicates that the instruction is not allowed in this mode. (2) Required if you use ACTIVE_DISENGAGE. (3) Neither of the instruction is required if you use ACTIVE_ENGAGE. (4) AP configuration is for Cyclone III devices only. Table 9–19. JTAG CONFIG_IO (without JTAG_PROGRAM) Instruction Flows (1) (Part 2 of 2) JTAG Instruction Configuration Scheme and Current State of the Cyclone III Device Family Prior to User Mode (Interrupting Configuration) User Mode Power Up PS FPP AS AP (4) PS FPP AS AP (4) PS FPP AS AP (4) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |