| Electronic Components Datasheet Search |
|
PLL1_C4 Datasheet(PDF) 238 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL1_C4 Datasheet(HTML) 238 Page - Altera Corporation |
|
238 / 274 page ![]() 9–80 Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family Remote System Upgrade Cyclone III Device Handbook August 2012 Altera Corporation Volume 1 Dedicated Remote System Upgrade Circuitry This section explains the implementation of the Cyclone III device family remote system upgrade dedicated circuitry. The remote system upgrade circuitry is implemented in hard logic. This dedicated circuitry interfaces to the user-defined factory application configurations implemented in the Cyclone III device family logic array to provide the complete remote configuration solution. The remote system upgrade circuitry contains the remote system upgrade registers, a watchdog timer, and state machines that control those components. Figure 9–35 shows the data path of the remote system upgrade block. Figure 9–35. Remote System Upgrade Circuit Data Path (1) Notes to Figure 9–35: (1) RU_DOUT, RU_SHIFTnLD, RU_CAPTnUPDT, RU_CLK, RU_DIN,RU_nCONFIG, and RU_nRSTIMER signals are internally controlled by the ALTREMOTE_UPDATE megafunction. (2) RU_CLK refers to ALTREMOTE_UPDATE megafunction block "clock" input. For more information, refer to the Remote Update Circuitry (ALTREMOTE_UPDATE) Megafunction User Guide. Status Register (SR) Previous State Register 2 Bit[30..0] Previous State Register 1 Bit[30..0] Current State Logic Bit[31..0] Internal Oscillator Control Register Bit [38..0] Logic Update Register Bit [38..0] update Logic Bit [40..39] dout din Bit [38..0] dout din capture Shift Register clkout capture update Logic clkin RU_DIN RU_SHIFTnLD RU_CAPTnUPDT RU_CLK (2) RU_DOUT RU_nRSTIMER Logic Array RSU Reconfiguration State Machine User Watchdog Timer RSU Master State Machine timeout RU_nCONFIG |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |