Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLL1_C4 Datasheet(PDF) 242 Page - Altera Corporation

Part # PLL1_C4
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL1_C4 Datasheet(HTML) 242 Page - Altera Corporation

Back Button PLL1_C4 Datasheet HTML 238Page - Altera Corporation PLL1_C4 Datasheet HTML 239Page - Altera Corporation PLL1_C4 Datasheet HTML 240Page - Altera Corporation PLL1_C4 Datasheet HTML 241Page - Altera Corporation PLL1_C4 Datasheet HTML 242Page - Altera Corporation PLL1_C4 Datasheet HTML 243Page - Altera Corporation PLL1_C4 Datasheet HTML 244Page - Altera Corporation PLL1_C4 Datasheet HTML 245Page - Altera Corporation PLL1_C4 Datasheet HTML 246Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 274 page
background image
9–84
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
Remote System Upgrade
Cyclone III Device Handbook
August 2012
Altera Corporation
Volume 1
Table 9–29 lists the contents of the previous state register 1 and previous state register
2 in the status register when the MSEL pin setting is set to the AS or AP scheme. The
status register bit in Table 9–29 shows the bit positions in a 31-bit register. The
previous state register 1 and previous state register 2 have the same bit definitions.
The previous state register 1 reflects the current application configuration and the
previous state register 2 reflects the previous application configuration.
If a capture is inappropriately done, for example, capturing a previous state before the
system has entered remote update application configuration for the first time, a value
will output from the shift register to indicate that the capture was incorrectly called.
Remote System Upgrade State Machine
The remote system upgrade control and update registers have identical bit
definitions, but serve different roles (Table 9–26 on page 9–81). While both registers
can only be updated when the device is loaded with a factory configuration image,
the update register writes are controlled by the user logic, and the control register
writes are controlled by the remote system upgrade state machine.
In factory configurations, the user logic should send the option bits (Cd_early and
Osc_int
), the configuration address, and watchdog timer settings for the next
application configuration bit to the update register. When the logic array
configuration reset (RU_nCONFIG) goes high, the remote system upgrade state machine
updates the control register with the contents of the update register and starts system
reconfiguration from the new application page.
Table 9–29. Remote System Upgrade Previous State Register 1 and Previous State Register 2
Contents in Status Register (1)
Status Register Bit
Definition
Description
30
nCONFIG
source
One-hot, active-high field that
describes the reconfiguration source
that caused the Cyclone III device
family to leave the previous application
configuration. If there is a tie, the
higher bit order indicates precedence.
For example, if nCONFIG and remote
system upgrade nCONFIG reach the
reconfiguration state machine at the
same time, the nCONFIG precedes the
remote system upgrade nCONFIG.
29
CRC error source
28
nSTATUS
source
27
User watchdog timer source
26
Remote system upgrade nCONFIG
source
25:24
Master state machine current state
The state of the master state machine
during reconfiguration causes the
Cyclone III device family to leave the
previous application configuration.
23:0
Boot address
The address used by the configuration
scheme to load the previous
application configuration.
Note to Table 9–29:
(1) The MSEL pin settings are in the AS configuration scheme.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com