Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLL1_C4 Datasheet(PDF) 240 Page - Altera Corporation

Part # PLL1_C4
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL1_C4 Datasheet(HTML) 240 Page - Altera Corporation

Back Button PLL1_C4 Datasheet HTML 236Page - Altera Corporation PLL1_C4 Datasheet HTML 237Page - Altera Corporation PLL1_C4 Datasheet HTML 238Page - Altera Corporation PLL1_C4 Datasheet HTML 239Page - Altera Corporation PLL1_C4 Datasheet HTML 240Page - Altera Corporation PLL1_C4 Datasheet HTML 241Page - Altera Corporation PLL1_C4 Datasheet HTML 242Page - Altera Corporation PLL1_C4 Datasheet HTML 243Page - Altera Corporation PLL1_C4 Datasheet HTML 244Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 274 page
background image
9–82
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
Remote System Upgrade
Cyclone III Device Handbook
August 2012
Altera Corporation
Volume 1
The control register bit positions are shown in Figure 9–36 and listed in Table 9–27. In
the figure, the numbers show the bit position of a setting in a register. For example, bit
number 35 is the enable bit for the watchdog timer.
When enabled, the early CONF_DONE check (Cd_early) option bit ensures that there is a
valid configuration at the boot address specified by the factory configuration and that
it is of the proper size. If an invalid configuration is detected or CONF_DONE pin is
asserted too early, the device resets and then reconfigures the factory configuration
image. The internal oscillator, as startup state machine clock (Osc_int) option bit,
ensures a functional startup clock to eliminate the hanging of startup when enabled.
When all option bits are turned on, they provide complete coverage for the
programming and startup portions of the application configuration. It is strongly
recommended that you turn on both the Cd_early and Osc_int option bits.
1 The Cd_early and Osc_int option bits for the application configuration must be
turned on by the factory configuration.
Remote System Upgrade Status Register
The remote system upgrade status register specifies the reconfiguration trigger
condition. The various trigger and error conditions include:
■
Cyclical redundancy check (CRC) error during application configuration
■ nSTATUS
assertion by an external device due to an error
Figure 9–36. Remote System Upgrade Control Register
Rsv2
Cd_early Osc_int Wd_en Rsv1
Ru_address[21..0] Wd_timer[11..
38
37
36
35
34 33
12 11
0
Table 9–27. Remote System Upgrade Control Register Contents
Control Register Bit
Value
Definition
Wd_timer[11..0]
12'b000000000000
User watchdog time-out value (most significant 12 bits of
29-bit count value:
{Wd_timer[11..0],17'b1000}
)
Ru_address[21..0]
22'b0000000000000000000000
Configuration address (most significant 22 bits of 24-bit
boot address value:
boot_address[23:0]
= {Ru_address[21..0],2'b0})
Rsv1
1'b0
Reserved bit
Wd_en
1'b1
User watchdog timer enable bit
Osc_int (1)
1’b1
Internal oscillator as startup state machine clock enable bit
Cd_early (1)
1’b1
Early CONF_DONE check
Rsv2
1'b1
Reserved bit
Note to Table 9–27:
(1) Option bit for the application configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com