Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F110ME Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # R5F110ME
Description  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110ME Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button R5F110ME Datasheet HTML 115Page - Renesas Technology Corp R5F110ME Datasheet HTML 116Page - Renesas Technology Corp R5F110ME Datasheet HTML 117Page - Renesas Technology Corp R5F110ME Datasheet HTML 118Page - Renesas Technology Corp R5F110ME Datasheet HTML 119Page - Renesas Technology Corp R5F110ME Datasheet HTML 120Page - Renesas Technology Corp R5F110ME Datasheet HTML 121Page - Renesas Technology Corp R5F110ME Datasheet HTML 122Page - Renesas Technology Corp R5F110ME Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 153 page
background image
RL78/L1C
3. ELECTRICAL SPECIFICATIONS (G: TA = -40 to +105 °C)
R01DS0192EJ0200 Rev. 2.00
Page 119 of 149
Feb 21, 2014
Note
Use it with VDD
 Vb.
Caution
Select the TTL input buffer for the SIp pin and the N-ch open drain output (VDD tolerance) mode for the SOp pin
and SCKp pin by using port input mode register g (PIMg) and port output mode register g (POMg). For VIH and
VIL, see the DC characteristics with TTL input buffer selected.
(Remarks are listed on the page after the next page.)
(6)
Communication at different potential (1.8 V, 2.5 V) (CSI mode) (master mode, SCKp... internal clock
output)
(TA = -40 to +105 °C, 2.4 V VDD 3.6 V, VSS = 0 V)
(1/2)
Parameter
Symbol
Conditions
HS (high-speed main) Mode
Unit
MIN.
MAX.
SCKp cycle time
tKCY1
tKCY1
 fCLK/4 2.7 V  VDD  3.6 V, 2.3 V  Vb  2.7 V,
Cb = 30 pF, Rb = 2.7 k
1000 Note
ns
2.4 V
 VDD  3.3 V, 1.6 V  Vb  1.8 V,
Cb = 30 pF, Rb = 5.5 k
2300 Note
ns
SCKp high-level width
tKH1
2.7 V
 VDD  3.6 V, 2.3 V  Vb  2.7 V,
Cb = 30 pF, Rb = 2.7 k
tKCY1/2 - 340
ns
2.4 V
 VDD  3.3 V, 1.6 V  Vb  2.0 V,
Cb = 30 pF, Rb = 5.5 k
tKCY1/2 - 916
ns
SCKp low-level width
tKL1
2.7 V
 VDD  3.6 V, 2.3 V  Vb  2.7 V,
Cb = 30 pF, Rb = 2.7 k
tKCY1/2 - 36
ns
2.4 V
 VDD  3.3 V, 1.6 V  Vb  2.0 V,
Cb = 30 pF, Rb = 5.5 k
tKCY1/2 - 100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com