Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89LP51RB2 Datasheet(PDF) 70 Page - ATMEL Corporation

Part # AT89LP51RB2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RB2 Datasheet(HTML) 70 Page - ATMEL Corporation

Back Button AT89LP51RB2 Datasheet HTML 66Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 67Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 68Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 69Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 70Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 71Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 72Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 73Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 74Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 254 page
background image
70
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
.
.
.
12.1.1
Quasi-bidirectional Output
Port pins in quasi-bidirectional output mode function similar to standard 8051 port pins. A Quasi-
bidirectional port can be used both as an input and output without the need to reconfigure the
port. This is possible because when the port outputs a logic high, it is weakly driven, allowing an
external device to pull the pin low. When the pin is driven low, it is driven strongly and able to
sink a large current. There are three pull-up transistors in the quasi-bidirectional output that
serve different purposes.
One of these pull-ups, called the “very weak” pull-up, is turned on whenever the port latch for the
pin contains a logic “1”. This very weak pull-up sources a very small current that will pull the pin
high if it is left floating. When the pin is pulled low externally this pull-up will always source some
current. The very weak pull-up is disabled when the port register contains a zero. In addition the
very weak pull-ups of all quasi-bidirectional ports can be disabled globally by setting the DPU bit
in the AUXR register (See Table 3-2 on page 19).
Table 12-2.
Configuration Modes for Port x Pin y
PxM0.y
PxM1.y
Port Mode
00
Quasi-bidirectional
01
Push-pull Output
10
Input Only (High Impedance)
1
1
Open-Drain Output
Table 12-3.
Port Configuration Registers
Port
Port Data
Port Configuration
0P0 (80H)
P0M0 (D4H), P0M1 (D5H)
1
P1 (90H)
P1M0 (E6H), P1M1 (E7H)
2
P2 (A0H)
P2M0 (D6H), P2M1 (D7H)
3
P3 (B0H)
P3M0 (DEH), P3M1 (CFH)
4
P4 (C0H)
P4M0 (BEH), P4M1 (BFH)
Table 12-4.
Port Configuration Reset Values
Register
Tristate Ports Fuse = FFH (1)
Tristate Ports Fuse = 00H (0)
P0M0
FF
FF
P0M1
FF
FF
P1M0
FF
00
P1M1
00
00
P2M0
FF
00
P2M1
00
00
P3M0
FF
00
P3M1
00
00
P4M0
C7
03
P4M0
03
03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com