Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89LP51RB2 Datasheet(PDF) 81 Page - ATMEL Corporation

Part # AT89LP51RB2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RB2 Datasheet(HTML) 81 Page - ATMEL Corporation

Back Button AT89LP51RB2 Datasheet HTML 77Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 78Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 79Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 80Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 81Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 82Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 83Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 84Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 85Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 254 page
background image
81
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
Figure 13-1. Timer/Counter 1 Mode 0: Variable Width Counter
13.3
Mode 1 – 16-bit Auto-Reload Timer/Counter
In Mode 1 the Timers are configured for 16-bit auto-reload. The Timer register is run with all
16 bits. The 16-bit reload value is stored in the high and low reload registers (RH1/RL1). The
clock is applied to the combined high and low timer registers (TH1/TL1). As clock pulses are
received, the timer counts up: 0000H, 0001H, 0002H, etc. An overflow occurs on the FFFFH-to-
0000H transition, upon which the timer register is reloaded with the value from RH1/RL1 and the
overflow flag bit in TCON is set. See Figure 13-2. The reload registers default to 0000H, which
gives the full 16-bit timer period compatible with the standard 8051. Mode 1 operation is the
same for Timer/Counter 0.
The following equation gives the timeout period for Mode 1. In Fast Mode, TPS applies only
when the TnX2 bits in CKCON0 are set. TPS always applies in Compatibility Mode, therefore
setting TnX2 in Compatibility Mode will double the timeout period.
Figure 13-2. Timer/Counter 1 Mode 1: 16-bit Auto-Reload
CLKSYS
T1 Pin
TR1
GATE1
INT1 Pin
TL1
(8 Bits)
Control
Interrupt
C/T = 0
C/T = 1
PSC1
TH1
(8 Bits)
TF1
÷TPS
Mode 1:
Time-out Period
65536
RHn RLn
{,
}
–
()
f
SYS
---------------------------------------------------------
TPS
1
+
()
×
=
CLKSYS
T1 Pin
TR1
GATE1
INT1 Pin
TL1
(8 Bits)
Control
Interrupt
C/T = 0
C/T =1
TH1
(8 Bits)
TF1
RL1
(8 Bits)
RH1
(8 Bits)
Reload
÷TPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com