Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89LP51RB2 Datasheet(PDF) 71 Page - ATMEL Corporation

Part # AT89LP51RB2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RB2 Datasheet(HTML) 71 Page - ATMEL Corporation

Back Button AT89LP51RB2 Datasheet HTML 67Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 68Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 69Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 70Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 71Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 72Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 73Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 74Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 75Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 254 page
background image
71
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
A second pull-up, called the “weak” pull-up, is turned on when the port latch for the pin contains
a logic “1” and the pin itself is also at a logic “1” level. This pull-up provides the primary source
current for a quasi-bidirectional pin that is outputting a “1”. If this pin is pulled low by an external
device, this weak pull-up turns off, and only the very weak pull-up remains on. In order to pull the
pin low under these conditions, the external device has to sink enough current to overpower the
weak pull-up and pull the port pin below its input threshold voltage.
The third pull-up is referred to as the “strong” pull-up. This pull-up is used to speed up low-to-
high transitions on a quasi-bidirectional port pin when the port latch changes from a logic “0” to a
logic “1”. When this occurs, the strong pull-up turns on for one CPU clock, quickly pulling the port
pin high. The quasi-bidirectional port configuration is shown in Figure 12-1.
12.1.2
Input-only Mode
The input only port configuration is shown in Figure 12-2. The output drivers are tristated. The
input includes a Schmitt-triggered input for improved input noise rejection. The input circuitry of
P3.2, P3.3, P4.6 and P4.7 is not disabled during Power-down (see Figure 12-3) and therefore
these pins should not be left floating during Power-down when configured in this mode.
Input-only mode can reduce power consumption for low-level inputs over quasi-bidirectional
mode because the “very weak” pull-up is turned off and only very small leakage current in the
sub microamp range is present.
Figure 12-1. Quasi-bidirectional Output
Figure 12-2. Input Only
Figure 12-3. Input Circuit for P3.2, P3.3, P4.6 and P4.7
1 Clock Delay
(D Flip-Flop)
Strong
Very
Weak
Weak
Port
Pin
VCC
VCC
VCC
From Port
Register
Input
Data
PWD
Port
Pin
Input
Data
PWD
Port
Pin
Input
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com