Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89LP51RB2 Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT89LP51RB2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RB2 Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT89LP51RB2 Datasheet HTML 12Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 13Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 14Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 15Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 16Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 17Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 18Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 19Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 254 page
background image
16
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
3.1.2
SIG
In addition to the 24K/32K code space, the AT89LP51RB2/RC2/IC2 also supports a 512-byte
User Signature Array and a 128-byte Atmel Signature Array that are accessible by the CPU. The
Atmel Signature Array is initialized with the Device ID in the factory. The User Signature Array is
available for user identification codes or constant parameter data. Data stored in the signature
array is not secure. Security bits will disable writes to the array; however, reads by an external
device programmer are always allowed. The signatures can be accessed with the Flash API
functions or low-level IAP interface. See Section 24.4 “In-Application Programming (IAP)” on
page 190 for more information.
3.2
Internal Data Memory
The AT89LP51RB2/RC2/IC2 contains 256 bytes of general SRAM data memory plus 128 bytes
of I/O memory mapped into a single 8-bit address space. Access to the internal data memory
does not require any configuration. The internal data memory has three address spaces: DATA,
IDATA and SFR; as shown in Figure 3-5. Some portions of external data memory are also imple-
mented internally. See “External Data Memory” below for more information.
Figure 3-5.
Internal Data Memory Map
3.2.1
DATA
The first 128 bytes of RAM are directly addressable by an 8-bit address (00H–7FH) included in
the instruction. The lowest 32 bytes of DATA memory are grouped into 4 banks of 8 registers
each. The RS0 and RS1 bits (PSW.3 and PSW.4) select which register bank is in use. Instruc-
tions using register addressing will only access the currently specified bank. The lower 128 bit
addresses are also mapped into DATA addresses 20H—2FH.
3.2.2
IDATA
The full 256 byte internal RAM can be indirectly addressed using the 8-bit pointers R0 and R1.
The first 128 bytes of IDATA include the DATA space. The hardware stack is also located in the
IDATA space.
3.2.3
SFR
The upper 128 direct addresses (80H–FFH) access the I/O registers. I/O registers on AT89LP
devices are referred to as Special Function Registers. The SFRs can only be accessed through
direct addressing. All SFR locations are not implemented. See Section 4. for a listed of available
SFRs.
FFH
UPPER
128
80H
7FH
LOWER
128
0
ACCESSIBLE
BY DIRECT
ADDRESSING
FFH
80H
ACCESSIBLE
BY DIRECT
AND INDIRECT
ADDRESSING
SPECIAL
FUNCTION
REGISTERS
PORTS
STATUS AND
CONTROL BITS
REGISTERS
STACK POINTER
ACCUMULATOR
(ETC.)
TIMERS
ACCESSIBLE
BY INDIRECT
ADDRESSING
ONLY
IDATA
SFR
DATA/IDATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com