Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89LP51RB2 Datasheet(PDF) 89 Page - ATMEL Corporation

Part # AT89LP51RB2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RB2 Datasheet(HTML) 89 Page - ATMEL Corporation

Back Button AT89LP51RB2 Datasheet HTML 85Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 86Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 87Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 88Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 89Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 90Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 91Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 92Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 93Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 254 page
background image
89
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
14.1
Timer 2 Registers
Control and status bits for Timer 2 are contained in registers T2CON (see Table 14-3) and
T2MOD (see Table 14-4). The register pair {TH2, TL2} at addresses 0CDH and 0CCH are the
16-bit timer register for Timer 2. The register pair {RCAP2H, RCAP2L} at addresses 0CBH and
0CAH are the 16-bit Capture/Reload register for Timer 2 in capture and auto-reload modes.
Note:
The Timer 2 operating mode depends on bits in both T2CON and T2MOD as shown in Table 14-1. The RCLK, TCLK and T2OE
bits have priority over CP/RL2.
Table 14-3.
T2CON – Timer/Counter 2 Control Register
T2CON Address = 0C8H
Reset Value = 0000 0000B
Bit Addressable
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/T2
CP/RL2
Bit
7
654
321
0
Symbol
Function
TF2
Timer 2 Overflow Flag
Set by hardware when Timer 2 overflows and must be cleared by software. TF2 will not be set when either
RCLK = 1 or TCLK = 1. TF2 will generate an interrupt when ET2 is set in IEN0.
EXF2
Timer 2 External Flag
Set when either a capture or reload is caused by a negative transition on T2EX and EXEN2 = 1. When Timer 2 interrupt is
enabled, EXF2 = 1 will cause the CPU to vector to the Timer 2 interrupt routine. EXF2 must be cleared by software. EXF2
does not cause an interrupt in up/down counter mode (DCEN = 1) or dual-slope mode.
RCLK
Receive Clock Enable
Set to use Timer 2 overflow pulses for receive clock in serial port Modes 1 and 3. Clear to use Timer 1 overflows for the
receive clock.
TCLK
Transmit Clock Enable
Set to use Timer 2 overflow pulses for transmit clock in serial port Modes 1 and 3. Clear to use Timer 1 overflows for the
transmit clock.
EXEN2
Timer 2 External Enable
When set, allows a capture or reload to occur as a result of a negative transition on T2EX if Timer 2 is not being used to
clock the serial port. EXEN2 = 0 causes Timer 2 to ignore events at T2EX.
TR2
Timer 2 Run Control
Start/Stop control for Timer 2. TR2 = 1 starts the timer. TR2 = 0 stops the timer.
C/T2
Timer/Counter Select 2
Clear C/T2 = 0 for timer function. Set C/T2 = 1 for external event counter on T2 (P1.0) (falling edge triggered). C/T2 must
be 0 to use clock out mode.
CP/RL2
Capture/Reload Select
CP/RL2 = 1 causes captures to occur on negative transitions at T2EX if EXEN2 = 1. CP/RL2 = 0 causes automatic
reloads to occur when Timer 2 overflows or negative transitions occur at T2EX when EXEN2 = 1. When either RCLK or
TCLK = 1, this bit is ignored and the timer is forced to auto-reload on Timer 2 overflow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com