Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89LP51RB2 Datasheet(PDF) 72 Page - ATMEL Corporation

Part # AT89LP51RB2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RB2 Datasheet(HTML) 72 Page - ATMEL Corporation

Back Button AT89LP51RB2 Datasheet HTML 68Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 69Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 70Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 71Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 72Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 73Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 74Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 75Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 76Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 254 page
background image
72
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
12.1.3
Open-drain Output
The open-drain output configuration turns off all pull-ups and only drives the pull-down transistor
of the port pin when the port latch contains a logic “0”. To be used as a logic output, a port con-
figured in this manner must have an external pull-up, typically a resistor tied to V
DD. The pull-
down for this mode is the same as for the quasi-bidirectional mode. The open-drain port configu-
ration is shown in Figure 12-4. The input circuitry of P3.2, P3.3, P4.6 and P4.7 is not disabled
during Power-down (see Figure 12-3) and therefore these pins should not be left floating during
Power-down when configured in this mode.
Figure 12-4. Open-Drain Output
12.1.4
Push-pull Output
The push-pull output configuration has the same pull-down structure as both the open-drain and
the quasi-bidirectional output modes, but provides a continuous strong pull-up when the port
latch contains a logic “1”. The push-pull mode may be used when more source current is needed
from a port output. The push-pull port configuration is shown in Figure 12-5.
Figure 12-5. Push-pull Output
12.2
Port Analog Functions
The AT89LP51RB2/RC2/IC2 incorporates two analog comparators and an 8-channel analog-to-
digital converter. In order to give the best analog performance and minimize power consump-
tion, pins that are being used for analog functions must have both their digital outputs and digital
inputs disabled. Digital outputs are disabled by putting the port pins into the input-only mode as
described in “Port Configuration” on page 69. The analog input pins will always default to input-
only mode after reset regardless of the state of the Tristate-Port Fuse.
Port
Pin
From Port
Register
Input
Data
PWD
Port
Pin
VCC
From Port
Register
Input
Data
PWD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com