Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89LP51RB2 Datasheet(PDF) 99 Page - ATMEL Corporation

Part # AT89LP51RB2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RB2 Datasheet(HTML) 99 Page - ATMEL Corporation

Back Button AT89LP51RB2 Datasheet HTML 95Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 96Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 97Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 98Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 99Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 100Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 101Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 102Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 103Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 254 page
background image
99
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
• The TOG bit (CCAPMn.2) when set causes the CEX output associated with the module to
toggle when there is a match between the PCA counter and the modules capture/compare
register.
•The match bit MAT (CCAPMn.3) when set will cause the CCFn bit in the CCON register to be
set when there is a match between the PCA counter and the modules capture/compare
register.
• The next two bits CAPN (CCAPMn.4) and CAPP (CCAPMn.5) determine the edge that a
capture input will be active on. The CAPN bit enables the negative edge, and the CAPP bit
enables the positive edge. If both bits are set both edges will be enabled and a capture will
occur for either transition.
•The last bit in the register ECOM (CCAPMn.6) when set enables the comparator function.
Table 15-6 shows the CCAPMn settings for the various PCA functions.
Table 15-6.
CCAPMn – PCA Module n Compare/Capture Control Register (n = 0–4)
CCAPM0 Address = 0DAH
Reset Value = x000 0000B
CCAPM1 Address = 0DBH
CCAPM2 Address = 0DCH
CCAPM3 Address = 0DDH
CCAPM4 Address = 0DEH
Not Bit Addressable
–
ECOMn
CAPPn
CAPNn
MATn
TOGn
PWMn
ECCFn
Bit
7
654
321
0
Symbol
Function
ECOMn
Enable Comparator
Clear to disable the comparator function of Module n. Set to enable the comparator function of Module n
CAPPn
Capture Positive
Clear to disable positive edge capture for Module n. Set to enable positive edge capture for Module n.
CAPNn
Capture Negative
Clear to disable negative edge capture for Module n. Set to enable negative edge capture for Module n.
MATn
Match Enable
When MATn = 1 and ECOMn = 1 a match between the PCA counter and Module n’s compare/capture register will set the
CCFn bit in CCON. Clear MATn to disable setting of CCFn by compare events.
TOGn
Toggle Output
When TOGn = 1 and ECOMn = 1 a match between the PCA counter and Module n’s compare/capture register will toggle
the CEXn pin. Clear TOGn to disable toggling of CEXn by compare events.
PWMn
Pulse Width Modulation Enable
Set to configure Module n in PWM mode and use CEXn as a PWM output. Clear to disable PWM mode for Module n.
ECCFn
Enable CCFn Interrupt
Clear to disable the CCFn bit in CCON as an interrupt source. Set to enable the CCFn bit in CCON to generate interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com