Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89LP51RB2 Datasheet(PDF) 77 Page - ATMEL Corporation

Part # AT89LP51RB2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RB2 Datasheet(HTML) 77 Page - ATMEL Corporation

Back Button AT89LP51RB2 Datasheet HTML 73Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 74Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 75Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 76Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 77Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 78Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 79Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 80Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 81Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 254 page
background image
77
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
13. Enhanced Timer 0 and Timer 1 with PWM
The AT89LP51RB2/RC2/IC2 has two 16-bit Timer/Counters, Timer 0 and Timer 1, with the fol-
lowing features:
• Two 16-bit timer/counters with 16-bit reload registers
• Two independent 8-bit precision PWM outputs with 8-bit prescalers
•UART or SPI baud rate generation using Timer 1
•Output pin toggle on timer overflow
• Split timer mode allows for three separate timers (2 8-bit, 1 16-bit)
•Gated modes allow timers to run/halt based on an external input
Timer 0 and Timer 1 have similar modes of operation. As timers, the timer registers normally
increase every clock cycle. Thus, the registers count clock cycles. The timer rate can be pres-
caled by a value between 1 and 16 using the Timer Prescaler (see Section 6.9 on page 48).
Both Timers share the same prescaler. In Compatibility mode the prescaler is always enabled
and TPS defaults to 5, so the timers count every six clock cycles (1/12 of the oscillator frequency
in X1 mode or 1/6 of the oscillator frequency in X2 mode). In X2 mode the timers can be set to
the X1 rate by setting the T0X2 or T1X2 bits in CKCON1. In Fast mode the prescaler is not
enabled by default so the count rate is equal to the system frequency (1/2 of the oscillator fre-
quency in X1 mode or equal to the oscillator frequency in X2 mode). In this case setting the
T0X2 or T1X2 bits in CKCON1 enables the prescaler for each timer.
As counters, the timer registers are incremented in response to a 1-to-0 transition at the corre-
sponding input pins, T0 or T1. In Fast mode the external input is sampled every clock cycle.
When the samples show a high in one cycle and a low in the next cycle, the count is incre-
mented. The new count value appears in the register during the cycle following the one in which
the transition was detected. Since 2 clock cycles are required to recognize a 1-to-0 transition,
the maximum count rate is 1/2 of the system frequency. There are no restrictions on the duty
cycle of the input signal, but it should be held for at least one full clock cycle to ensure that a
given level is sampled at least once before it changes.
In Compatibility mode the counter input sampling is controlled by the prescaler. Since TPS
defaults to 6 in this mode, the pins are sampled every six system clocks. Therefore the input sig-
nal should be held for at least six clock cycles to ensure that a given level is sampled at least
once before it changes.
Furthermore, the Timer or Counter functions for Timer 0 and Timer 1 have four operating modes:
13-bit timer, 16-bit timer, 8-bit auto-reload timer, and split timer. The control bits C/T in the Spe-
cial Function Register TMOD select the Timer or Counter function. The bit pairs (M1, M0) in
TMOD select the operating modes.
fTIMER
fSYS
2
TnX2
TPS
1
+
()
×
------------------------------------------------
=
Compatibility Mode
f
TIMER
f
SYS
TPS
1
+
---------------------
=
Fast Mode and TnX2 = 1
fTIMER
fSYS
=
Fast Mode and TnX2 = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com