Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89LP51RB2 Datasheet(PDF) 15 Page - ATMEL Corporation

Part # AT89LP51RB2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RB2 Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT89LP51RB2 Datasheet HTML 11Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 12Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 13Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 14Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 15Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 16Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 17Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 18Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 254 page
background image
15
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
Figure 3-2.
Executing from External Program Memory
Figure 3-3.
External Program Memory Fetches
In order for Fast mode to fetch externally, two wait states must be inserted for every clock cycle,
increasing the instruction execution time by a factor of 3. However, due to other optimizations,
external Fast mode instructions may still be 1/4 to 1/2 faster than their Compatibility mode equiv-
alents. Note that if ALE is allowed to toggle in Fast mode, there is a possibility that when the
CPU jumps from internal to external execution a short pulse may occur on ALE as shown in Fig-
ure 3-4. The setup time from the address to the falling edge of ALE remains the same. However,
this behavior can be avoided by setting the DISALE bit prior to any jump above the 8K border.
Figure 3-4.
Internal/External Program Memory Boundary (Fast Mode)
AT89LP
EXTERNAL
PROGRAM
MEMORY
INSTR.
ADDR
OE
PSEN
P3
P2
ALE
P0
P1
LATCH
CLK
ALE
PSEN
FLOAT
PCL
OUT
P0
PCH OUT
P2
PCH OUT
PCH OUT
DATA
SAMPLED
PCL
OUT
PCL
OUT
DATA
SAMPLED
DATA
SAMPLED
CLK
ALE
DISALE=0
PSEN
FLOAT
P0 SFR OUT
P0
P2 SFR OUT
P2
PCH OUT
PCH OUT
PCL OUT
PCL OUT
DATA
SAMPLED
SHORT
PULSE
ALE
DISALE=1
INTERNAL EXECUTION
EXTERNAL EXECUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com