Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89LP51RB2 Datasheet(PDF) 31 Page - ATMEL Corporation

Part # AT89LP51RB2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RB2 Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button AT89LP51RB2 Datasheet HTML 27Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 28Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 29Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 30Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 31Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 32Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 33Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 34Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 254 page
background image
31
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
5.
Enhanced CPU
The AT89LP51RB2/RC2/IC2 uses an enhanced 8051 CPU that runs at 6 to 12 times the speed
of standard 8051 devices (or 3 to 6 times the speed of X2 8051 devices). The increase in perfor-
mance is due to two factors. First, the CPU fetches one instruction byte from the code memory
every clock cycle. Second, the CPU uses a simple two-stage pipeline to fetch and execute
instructions in parallel. This basic pipelining concept allows the CPU to obtain up to
1MIPS per MHz. The AT89LP51RB2/RC2/IC2 also has a Compatibility mode that preserves the
12-clock machine cycle of standard 8051s like the AT89C51RB2/RC2/IC2.
5.1
Fast Mode
Fast (Single-Cycle) mode must be enabled by clearing the Compatibility User Fuse. (See “User
Configuration Fuses” on page 188.) In this mode one instruction byte is fetched every system
clock cycle. The 8051 instruction set allows for instructions of variable length from 1 to 3 bytes.
In a single-clock-per-byte-fetch system this means each instruction takes at least as many
clocks as it has bytes to execute. The majority of instructions in the AT89LP51RB2/RC2/IC2 fol-
low this rule: the instruction execution time in system clock cycles equals the number of bytes
per instruction, with a few exceptions. Branches and Calls require an additional cycle to com-
pute the target address and some other complex instructions require multiple cycles. See
“Instruction Set Summary” on page 173. for more detailed information on individual instructions.
Example of Fast mode instructions are shown in Figure 5-1. Note that Fast mode instructions
take three times as long to execute if they are fetched from external program memory.
Figure 5-1.
Instruction Execution Sequences in Fast Mode
READ NEXT
OPCODE
(A) 1-byte, 1-cycle instruction, e.g. INC A
S1
(B) 2-byte, 2-cycle instruction, e.g. ADD A, #data
S1
S2
READ NEXT OPCODE
READ OPERAND
(C) 1-byte, 2-cycle instruction, e.g. INC DPTR
S1
S2
READ NEXT OPCODE
(D) MOVX (1-byte, 4-cycle)
S1
S2
S3
S4
ADDR
DATA
ACCESS EXTERNAL
MEMORY
CLK
READ NEXT
OPCODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com