Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89LP51RB2 Datasheet(PDF) 87 Page - ATMEL Corporation

Part # AT89LP51RB2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RB2 Datasheet(HTML) 87 Page - ATMEL Corporation

Back Button AT89LP51RB2 Datasheet HTML 83Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 84Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 85Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 86Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 87Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 88Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 89Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 90Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 91Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 254 page
background image
87
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
Figure 13-10. Timer/Counter 0 PWM Mode 3
14. Timer 2
The AT89LP51RB2/RC2/IC2 includes a 16-bit Timer/Counter 2 with the following features:
• 16-bit timer/counter with one 16-bit reload/capture register
• One external reload/capture input
• Up/Down counting mode with external direction control
•UART baud rate generation
•Output-pin toggle on timer overflow
Timer 2 is a 16-bit Timer/Counter that can operate as either a timer or an event counter. The
type of operation is selected by bit C/T2 in the SFR T2CON. Timer 2 has three operating modes:
capture, auto-reload (up or down counting), and baud rate generator. The modes are selected
by bits in T2CON and T2MOD, as shown in Table 14-1.
Timer 2 consists of two 8-bit registers, TH2 and TL2. In the Timer function, the register is incre-
mented every clock cycle. The timer rate can be prescaled by a value between 1 and 16 using
the Timer Prescaler (see Section 6.9 on page 48). In Compatibility mode the prescaler is always
enabled and TPS defaults to 5, so Timer 2 counts every six clock cycles (1/12 of the oscillator
frequency in X1 mode or 1/6 of the oscillator frequency in X2 mode). In X2 mode Timer 2 can be
set to the X1 rate by setting the T2X2 bit in CKCON1. In Fast mode the prescaler is not enabled
by default so the count rate is equal to the system frequency (1/2 of the oscillator frequency in
X1 mode or equal to the oscillator frequency in X2 mode). In this case setting the T2X2 bit in
CKCON1 enables the prescaler for Timer 2.
Note that Timer 2 is not affected by the prescaler when operating in the Baud-Rate or Frequency
Generator modes.
CLKSYS
TR0
GATE0
INT0 Pin
Control
TL0
(8 Bits)
OCR0
RL0
(8 Bits)
=
T0
CLKSYS
TH0
(8 Bits)
OCR1
RH0
(8 Bits)
=
T1
TR1
÷TPS
÷TPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com