Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312D Datasheet(PDF) 157 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 157 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 153Page - STMicroelectronics UPSD3312D Datasheet HTML 154Page - STMicroelectronics UPSD3312D Datasheet HTML 155Page - STMicroelectronics UPSD3312D Datasheet HTML 156Page - STMicroelectronics UPSD3312D Datasheet HTML 157Page - STMicroelectronics UPSD3312D Datasheet HTML 158Page - STMicroelectronics UPSD3312D Datasheet HTML 159Page - STMicroelectronics UPSD3312D Datasheet HTML 160Page - STMicroelectronics UPSD3312D Datasheet HTML 161Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD33xx
Programmable counter array (PCA) with PWM
Doc ID 9685 Rev 7
157/272
Figure 48.
PWM mode - (x8), fixed frequency
1.
m = 0: n = 0, 1, or 2
2.
m = 1: n = 3, 4, or 5
26.8
PWM mode - (x8), programmable frequency
In this mode, the PWM frequency is not determined by the overflow of the low byte of the
Counter. Instead, the frequency is determined by the PWMFm register. The user can load a
value in the PWMFm register, which is then compared to the low byte of the Counter. If there
is a match, the Counter is cleared and the Load registers (PWMFm, CAPCOMHn) are re-
loaded for the next PWM pulse. There is only one PWMFm register which serves all 3 TCM
in a PCA block.
If one of the TCM modules is operating in this mode, the other modules in the PCA must be
configured to the same mode or left not to be used. The duty cycle of the PWM can be
specified in the CAPCOMHn register as in the PWM with fixed frequency mode. Different
TCM modules can have their own duty cycle.
Note:
The value in the Frequency register (PWMFm) must be larger than the duty cycle register
(CAPCOM).
CAPCOMHn
OVERFLOW
ENABLE
8
PCACLm
8
CAPCOMLn
8-bit COMPARATORn
CEXn
MATCH
S
R
Q
Q
SET
CLR
0
0
TCMMODEn
0
0
0
EINTF
E_COMP CAP_PE
CAP_NE
MATCH
TOGGLE
PWM1
PWM0
AI07859



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com