Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC574K70E5 Datasheet(PDF) 55 Page - STMicroelectronics

Part # SPC574K70E5
Description  32-bit Power Architecture based MCU for automotive applications
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574K70E5 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button SPC574K70E5 Datasheet HTML 51Page - STMicroelectronics SPC574K70E5 Datasheet HTML 52Page - STMicroelectronics SPC574K70E5 Datasheet HTML 53Page - STMicroelectronics SPC574K70E5 Datasheet HTML 54Page - STMicroelectronics SPC574K70E5 Datasheet HTML 55Page - STMicroelectronics SPC574K70E5 Datasheet HTML 56Page - STMicroelectronics SPC574K70E5 Datasheet HTML 57Page - STMicroelectronics SPC574K70E5 Datasheet HTML 58Page - STMicroelectronics SPC574K70E5 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 127 page
background image
DocID023601 Rev 5
55/127
SPC574Kxx
Electrical characteristics
126
TUE
12
CC
D
TUE degradation due to
VDD_HV_ADR offset with
respect to VDD_HV_ADV
VIN < VDD_HV_ADV
VDD_HV_ADR  VDD_HV_ADV
[0:25 mV]
00
LSB
(12b)
DVIN < VDD_HV_ADV
VDD_HV_ADR  VDD_HV_ADV
[25:50 mV]
–2
2
DVIN < VDD_HV_ADV
VDD_HV_ADR  VDD_HV_ADV
[50:75 mV]
–4
4
DVIN < VDD_HV_ADV
VDD_HV_ADR  VDD_HV_ADV
[75:100 mV]
–6
6
DVDD_HV_ADV < VIN <
VDD_HV_ADR
VDD_HV_ADR  VDD_HV_ADV
[0:25 mV]
–2.5
2.5
DVDD_HV_ADV< VIN <
VDD_HV_ADR
VDD_HV_ADR  VDD_HV_ADV
[25:50 mV]
–4
4
DVDD_HV_ADV < VIN <
VDD_HV_ADR
VDD_HV_ADR  VDD_HV_ADV
[50:75 mV]
–7
7
DVDD_HV_ADV < VIN <
VDD_HV_ADR
VDD_HV_ADR  VDD_HV_ADV
[75:100 mV]
–12
12
Table 28. SARn ADC electrical specification(1)(Continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com