Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC574K70E5 Datasheet(PDF) 32 Page - STMicroelectronics

Part # SPC574K70E5
Description  32-bit Power Architecture based MCU for automotive applications
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574K70E5 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button SPC574K70E5 Datasheet HTML 28Page - STMicroelectronics SPC574K70E5 Datasheet HTML 29Page - STMicroelectronics SPC574K70E5 Datasheet HTML 30Page - STMicroelectronics SPC574K70E5 Datasheet HTML 31Page - STMicroelectronics SPC574K70E5 Datasheet HTML 32Page - STMicroelectronics SPC574K70E5 Datasheet HTML 33Page - STMicroelectronics SPC574K70E5 Datasheet HTML 34Page - STMicroelectronics SPC574K70E5 Datasheet HTML 35Page - STMicroelectronics SPC574K70E5 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 127 page
background image
Electrical characteristics
SPC574Kxx
32/127
DocID023601 Rev 5
Table 15 provides weak pull figures. Both pull-up and pull-down current specifications are
provided.
VIHCMOS
(5)
SR
C
Input high level CMOS
(without hysteresis)
3.0 V < VDD_HV_IO < 3.6 V
0.6 *
VDD_HV_IO
—VDD_HV_IO
+ 0.3
V
P
4.75 V < VDD_HV_IO < 5.25 V
VILCMOS_H
(5) SR
C
Input low level CMOS
(with hysteresis)
3.0 V < VDD_HV_IO < 3.6 V
–0.3
—
0.35 *
VDD_HV_IO
V
P
4.75 V < VDD_HV_IO < 5.25 V
VILCMOS
(5)
SR
C
Input low level CMOS
(without hysteresis)
3.0 V < VDD_HV_IO < 3.6 V
–0.3
—
0.4 *
VDD_HV_IO
V
P
4.75 V < VDD_HV_IO < 5.25 V
VHYSCMOS
—
C
Input hysteresis CMOS
3.0 V < VDD_HV_IO < 3.6 V
0.1 *
VDD_HV_IO
——
V
4.75 V < VDD_HV_IO < 5.25 V
(6)
VDRFTCMOS
—
C
Input VIL/VIH
temperature drift
CMOS
3.0 V < VDD_HV_IO < 3.6 V
—
—
100(4)
mV
4.75 V < VDD_HV_IO < 5.25 V
INPUT CHARACTERISTICS(7)
ILKG
CC
P
Digital input leakage
4.5 V < VDD_HV < 5.5 V
0.1*VDD_HV < VIN < 0.9*VDD_HV
TJ < 150 °C
——
1
µA
ILKG_MED
CC
C
Digital input leakage for
MEDIUM pad
4.5 V < VDD_HV < 5.5 V
VSS_HV < VIN < VDD_HV
—
—
500
nA
CIN
CC
D
Digital input
capacitance
GPIO input pins
—
—
10
pF
Ethernet input pins
—
—
8
1.
A good approximation for the variation of the minimum value with supply is given by formula VIHAUT = 0.69 × VDD_HV_IO.
2.
A good approximation for the variation of the maximum value with supply is given by formula VILAUT = 0.49 × VDD_HV_IO.
3.
A good approximation of the variation of the minimum value with supply is given by formula VHYSAUT = 0.11 × VDD_HV_IO.
4.
In a 1 ms period, assuming stable voltage and a temperature variation of ±30 °C, VIL/VIH shift is within ±50 mV. For SENT
requirement refer to Note: on page 41.
5.
Only for VDD_HV_IO_JTAG and VDD_HV_IO_FLEX power segment. The TTL threshold are controlled by the VSIO bit.
VSIO[VSIO_xx] = 0 in the range 3.0 V < VDD_HV_IO < 3.6 V, VSIO[VSIO_xx] = 1 in the range 4.5 V < VDD_HV_IO < 5.5 V.
6.
Only for VDD_HV_IO_JTAG and VDD_HV_IO_FLEX power segment.
7.
For LFAST, microsecond bus and LVDS input characteristics, refer to dedicated communication module chapters.
Table 14. I/O input DC electrical characteristics(Continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com