Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC574K70E5 Datasheet(PDF) 46 Page - STMicroelectronics

Part # SPC574K70E5
Description  32-bit Power Architecture based MCU for automotive applications
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574K70E5 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button SPC574K70E5 Datasheet HTML 42Page - STMicroelectronics SPC574K70E5 Datasheet HTML 43Page - STMicroelectronics SPC574K70E5 Datasheet HTML 44Page - STMicroelectronics SPC574K70E5 Datasheet HTML 45Page - STMicroelectronics SPC574K70E5 Datasheet HTML 46Page - STMicroelectronics SPC574K70E5 Datasheet HTML 47Page - STMicroelectronics SPC574K70E5 Datasheet HTML 48Page - STMicroelectronics SPC574K70E5 Datasheet HTML 49Page - STMicroelectronics SPC574K70E5 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 127 page
background image
Electrical characteristics
SPC574Kxx
46/127
DocID023601 Rev 5
3.10
Oscillator and FMPLL
3.10.1
FMPLL
Two frequency-modulated phase-locked loop (FMPLL) modules, the Reference PLL (PLL0)
and the System PLL (PLL1) generate the system and auxiliary clocks from the main oscillator
driver.
Figure 10. PLL integration
PLL0
PLL1
IRCOSC
XOSC
PLL1_PHI
PLL0_PHI1
PLL0_PHI
Table 22. PLL0 electrical characteristics
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
fPLL0IN
SR
—
PLL0 input clock(1),(2)
—8
—
44
MHz
PLL0IN
SR
—
PLL0 input clock duty
cycle(1)
—40
—
60
%
fPLL0VCO
CC
P
PLL0 VCO frequency
—
600
—
1250
MHz
fPLL0PHI
CC
D
PLL0 clock output
frequency on PHI
—
—
—
400
MHz
fPLL0PHI1
CC
D
PLL0 clock output
frequency on PHI1
——
—
78
MHz
tPLL0LOCK
CC
P
PLL0 lock time
—
—
—
110
µs

PLL0PHI0SPJIT CC
T
PLL0_PHI0 single period
jitter
fPLL0IN = 20 MHz
(resonator)
fPLL0PHI0 = 400 MHz, 6-
sigma pk-pk
—
—
200
ps

PLL0PHI1SPJIT CC
T
PLL0_PHI1 single period
jitter
fPLL0IN = 20 MHz
(resonator)
fPLL0PHI1 = 40MHz, 6-
sigma pk-pk
—
—
300(3)
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com