Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC574K70E5 Datasheet(PDF) 33 Page - STMicroelectronics

Part # SPC574K70E5
Description  32-bit Power Architecture based MCU for automotive applications
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574K70E5 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button SPC574K70E5 Datasheet HTML 29Page - STMicroelectronics SPC574K70E5 Datasheet HTML 30Page - STMicroelectronics SPC574K70E5 Datasheet HTML 31Page - STMicroelectronics SPC574K70E5 Datasheet HTML 32Page - STMicroelectronics SPC574K70E5 Datasheet HTML 33Page - STMicroelectronics SPC574K70E5 Datasheet HTML 34Page - STMicroelectronics SPC574K70E5 Datasheet HTML 35Page - STMicroelectronics SPC574K70E5 Datasheet HTML 36Page - STMicroelectronics SPC574K70E5 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 127 page
background image
DocID023601 Rev 5
33/127
SPC574Kxx
Electrical characteristics
126
Table 15. I/O pull-up/pull-down DC electrical characteristics
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
I
WPU
CC
T
Weak pull-up
current absolute
value(1)
VIN = 0 V
VDD_POR
(2) < V
DD_HV_IO
< 3.0 V(3)(4)
10.6 * VDD_HV –
10.6
——
µA
CC
T
VIN > VIL = 1.1 V (TTL)
4.5 V < VDD_HV_IO < 5.5 V
——
130
CC
P
VIN = 0.69* VDD_HV_IO
4.5 V < VDD_HV_IO < 5.5 V
23
—
65
CC
T
VIN = 0.49* VDD_HV_IO
4.5 V < VDD_HV_IO < 5.5 V
——
82
RWPU
CC
D
Weak pull-up
resistance
0.49* VDD_HV_IO < VIN < 0.69*
VDD_HV_IO
4.5 V < VDD_HV_IO < 5.5 V
34
—
62
k
I
WPD
CC
T
Weak pull-down
current absolute
value
VIN < VIL = 0.9 V (TTL)
4.5 V < VDD_HV_IO < 5.5 V
16
—
—
µA
PVIN = 0.69* VDD_HV_IO
4.5 V < VDD_HV_IO < 5.5 V
50
—
130
TVIN = 0.49* VDD_HV_IO
4.5 V < VDD_HV_IO < 5.5 V
40
—
—
RWPD
CC
D
Weak pull-down
resistance
0.49* VDD_HV_IO < VIN < 0.69*
VDD_HV_IO
4.5 V < VDD_HV_IO < 5.5 V
30
—
55
k
1.
Weak pull-up/down is enabled within tWK_PU = 1 µs after internal/external reset has been asserted. Output voltage will
depend on the amount of capacitance connected to the pin.
2.
VDD_POR is the minimum VDD_HV_IO supply voltage for the activation of the device pull-up/down, and is given in the
Table 21: Reset electrical characteristics of Section 3.9: Reset pad (PORST, ESR0) electrical characteristics.
3.
VDD_POR is defined in the Table 21: Reset electrical characteristics of Section 3.9: Reset pad (PORST, ESR0) electrical
characteristics.
4.
Weak pull-up behavior during power-up. Operational with VDD_HV_IO > VDD_POR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com