Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC574K70E5 Datasheet(PDF) 17 Page - STMicroelectronics

Part # SPC574K70E5
Description  32-bit Power Architecture based MCU for automotive applications
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574K70E5 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button SPC574K70E5 Datasheet HTML 13Page - STMicroelectronics SPC574K70E5 Datasheet HTML 14Page - STMicroelectronics SPC574K70E5 Datasheet HTML 15Page - STMicroelectronics SPC574K70E5 Datasheet HTML 16Page - STMicroelectronics SPC574K70E5 Datasheet HTML 17Page - STMicroelectronics SPC574K70E5 Datasheet HTML 18Page - STMicroelectronics SPC574K70E5 Datasheet HTML 19Page - STMicroelectronics SPC574K70E5 Datasheet HTML 20Page - STMicroelectronics SPC574K70E5 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 127 page
background image
DocID023601 Rev 5
17/127
SPC574Kxx
Package pinouts and signal descriptions
126
Figure 4. 176-pin QFP and 216-pin FQ configuration (top view)
eLQFP176 / FQ2163
PD[14]
PD[15]
PC[9]
PC[8]
PC[7]
PC[6]
PC[5]
PC[4]
PC[3]
NC/VDD_LV_BD5
PC[2]
PC[1]
PC[0]
PE[0]
PE[1]
PE[2]
PD[12]
PD[13]
PE[3]
PE[4]
PG[0]
PI[8]
PI[9]
VDD_LV
VDD_HV_IO_MAIN
VDD_HV_ADR_D
VSS_HV_ADR_D
PG[1]
PG[2]
PG[3]
PG[4]
PB[15]
PB[14]
PB[13]
PB[12]
PB[5]
PI[0]
PI[1]
PI[2]
PI[3]
PI[4]
PI[5]
PG[5]
PG[6]
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
132
131
130
129
128
127
126
125
124
123
122
121
120
119
118
117
116
115
114
113
112
111
110
109
108
107
106
105
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
PE[9]
PE[8]
PD[5]
PD[4]
PE[7]
PE[6]
PE[5]
PG[14]
PG[13]
VDD_LV
ESR0
PORST
PA[4]_ESR1
PF[15]
TESTMODE
PH[11]
PF[14]
PA[6]
PA[5]
PA[9]
PA[7]
PA[8]
PA[14]
PD[6]
PD[7]
PF[13]
PI[15]
PI[14]
VDD_HV_IO_JTAG
XTAL
EXTAL
VSSOSC
VDD_LV
VDD_HV_IO_MAIN
PF[12]
PF[11]
PF[10]
PF[9]
PH[6]
PH[5]
PJ[4]
PJ[3]
PF[8]
PJ[2]
VSS4
Note:
1
Pins marked “NC” have no connection.
2
FQ LVDS Test pins marked with an asterix (*) can be soldered to GND or left unconnected.
3
The eLQFP176 and FQ216 package pinouts are nearly identical, with the following exception:
A1–A40 are additional pins that appear only on the FQ216 package.
4
The shaded area in the middle of the pinout is an exposed pad that on both the eLQFP176 and FQ216 packages is the primary VSS connection.
5
Pins 10 and 154 are NC in the 176-pin package and VDD_LV_BD in the 216-pin package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com