Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC574K70E5 Datasheet(PDF) 28 Page - STMicroelectronics

Part # SPC574K70E5
Description  32-bit Power Architecture based MCU for automotive applications
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574K70E5 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button SPC574K70E5 Datasheet HTML 24Page - STMicroelectronics SPC574K70E5 Datasheet HTML 25Page - STMicroelectronics SPC574K70E5 Datasheet HTML 26Page - STMicroelectronics SPC574K70E5 Datasheet HTML 27Page - STMicroelectronics SPC574K70E5 Datasheet HTML 28Page - STMicroelectronics SPC574K70E5 Datasheet HTML 29Page - STMicroelectronics SPC574K70E5 Datasheet HTML 30Page - STMicroelectronics SPC574K70E5 Datasheet HTML 31Page - STMicroelectronics SPC574K70E5 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 127 page
background image
Electrical characteristics
SPC574Kxx
28/127
DocID023601 Rev 5
Table 11. Temperature profile – Packaged parts
Vehicle category
Operation
Temperature
Cumulated duration (hours)
Passenger cars
Active operation
TJ = 150 °C
3000
TJ = 135 °C
—
TJ = 125 °C
9000
TJ = 110 °C
6000
TJ = 85 °C
1000
TJ = 40 °C
500
TJ = –40 °C
500
Total operation time
20000
Passenger cars – low end
Active operation
TA = 120 to 125 °C
100
TA = 115 to 120 °C
100
TA = 110 to 115 °C
100
TA = 105 to 110 °C
100
TA = 100 to 105 °C
100
TA = 95 to 100 °C
100
TA = 90 to 95 °C
100
TA = 85 to 90 °C
150
TA = 80 to 85 °C
300
TA = 50 to 80 °C
800
TA = 40 to 50 °C
1600
TA = 25 to 40 °C
2200
TA = –10 to 25 °C
1500
TA = –40 to –10 °C
500
Total operation time
7750
Commercial vehicles
Active operation
TJ = 150 °C
360
TJ = 140 °C
1200
TJ = 130 °C
2100
TJ = 120 °C
29000
TJ = 110 °C
3600
TJ = 85 °C
2740
TJ = 40 °C
500
TJ = –40 °C
500
Total operation time
40000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com