Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC574K70E5 Datasheet(PDF) 50 Page - STMicroelectronics

Part # SPC574K70E5
Description  32-bit Power Architecture based MCU for automotive applications
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574K70E5 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button SPC574K70E5 Datasheet HTML 46Page - STMicroelectronics SPC574K70E5 Datasheet HTML 47Page - STMicroelectronics SPC574K70E5 Datasheet HTML 48Page - STMicroelectronics SPC574K70E5 Datasheet HTML 49Page - STMicroelectronics SPC574K70E5 Datasheet HTML 50Page - STMicroelectronics SPC574K70E5 Datasheet HTML 51Page - STMicroelectronics SPC574K70E5 Datasheet HTML 52Page - STMicroelectronics SPC574K70E5 Datasheet HTML 53Page - STMicroelectronics SPC574K70E5 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 127 page
background image
Electrical characteristics
SPC574Kxx
50/127
DocID023601 Rev 5
Figure 12. Test circuit
3.10.3
Internal oscillator (IRCOSC)
2.
Values in this table do not include the die and package capacitances given by Cs_xtal/Cs_extal in Table 24 (External
Oscillator electrical specifications).
3.
Configurations 10000–11111 should not be used. Configurations 10000–11100 result in same capacitances of
configurations 00011–01111. Configurations 11101, 11110, and 11111 select maximum capacitances.
V
+
-
A
IXTAL
OFF
PCB GND
Tester
ALC
Z = R + j
L
VEXTAL = 0 V
VXTAL = 0 V
ALC INACTIVE
Conditions
XTAL
EXTAL
VSSOSC
VSS
VDDOSC
Bias current
Comparator
Table 26. Internal RC oscillator electrical specifications
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ Max
fTarget
CC D IRCOSC target frequency
—
—
16
—
MHz
f
var_noT CC P IRC frequency variation without
temperature compensation
TJ < 150 °C
–8
—
+8
%
f
var_T
CC T IRC frequency variation with temperature
compensation
TJ < 150 °C
–1.5
—
+1.5
%
f
var_SW
— T IRC frequency accuracy after software
trimming accuracy(1)
Trimming temperature
–0.5
—
+0.5
%
tstart_noT CC T Startup time to reach within fvar_noT
Factory trimming already
applied
——
5
µs
tstart_T CC T Startup time to reach within fvar_T
Factory trimming already
applied
—
—
120
µs
1.
The typical user trim step size
f
TRIM = 0.35 %.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com