Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC574K70E5 Datasheet(PDF) 65 Page - STMicroelectronics

Part # SPC574K70E5
Description  32-bit Power Architecture based MCU for automotive applications
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574K70E5 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button SPC574K70E5 Datasheet HTML 61Page - STMicroelectronics SPC574K70E5 Datasheet HTML 62Page - STMicroelectronics SPC574K70E5 Datasheet HTML 63Page - STMicroelectronics SPC574K70E5 Datasheet HTML 64Page - STMicroelectronics SPC574K70E5 Datasheet HTML 65Page - STMicroelectronics SPC574K70E5 Datasheet HTML 66Page - STMicroelectronics SPC574K70E5 Datasheet HTML 67Page - STMicroelectronics SPC574K70E5 Datasheet HTML 68Page - STMicroelectronics SPC574K70E5 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 127 page
background image
DocID023601 Rev 5
65/127
SPC574Kxx
Electrical characteristics
126
Figure 16. Power-down exit time
Figure 17. Rise/fall time
3.13.2
LFAST and MSC/DSPI LVDS interface electrical characteristics
The following table contains the electrical characteristics for the LFAST interface.
Data Valid
pad_p/pad_n
lfast_pwr_down
Differential TX
Data Lines
H
L
tPD2NM_TX
Differential TX
Data Lines
pad_p/pad_n
tTR
tTR
90%
10%
VIH
VIL
Table 31. LVDS pad startup and receiver electrical characteristics(1)(2)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
STARTUP(3),(4)
tSTRT_BIAS
CC
T
Bias current reference startup
time(5)
——
0.5
4
µs
tPD2NM_TX
CC
T
Transmitter startup time (power
down to normal mode)(6)
——
0.4
2.75
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com