Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC574K70E5 Datasheet(PDF) 22 Page - STMicroelectronics

Part # SPC574K70E5
Description  32-bit Power Architecture based MCU for automotive applications
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574K70E5 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button SPC574K70E5 Datasheet HTML 18Page - STMicroelectronics SPC574K70E5 Datasheet HTML 19Page - STMicroelectronics SPC574K70E5 Datasheet HTML 20Page - STMicroelectronics SPC574K70E5 Datasheet HTML 21Page - STMicroelectronics SPC574K70E5 Datasheet HTML 22Page - STMicroelectronics SPC574K70E5 Datasheet HTML 23Page - STMicroelectronics SPC574K70E5 Datasheet HTML 24Page - STMicroelectronics SPC574K70E5 Datasheet HTML 25Page - STMicroelectronics SPC574K70E5 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 127 page
background image
Electrical characteristics
SPC574Kxx
22/127
DocID023601 Rev 5
3
Electrical characteristics
3.1
Introduction
This section contains detailed information on power considerations, DC/AC electrical
characteristics, and AC timing specifications.
In the tables where the device logic provides signals with their respective timing
characteristics, the symbol “CC” (Controller Characteristics) is included in the “Symbol”
column.
In the tables where the external system must provide signals with their respective timing
characteristics to the device, the symbol “SR” (System Requirement) is included in the
“Symbol” column.
Note:
Parameters given to junction temperature TJ = 150 °C are for packaged parts .
Note:
Within this document, VDD_HV_IO refers to supply pins VDD_HV_IO_MAIN, VDD_HV_IO_JTAG,
VDD_HV_IO_FLEX, and VDD_HV_FLA.
3.2
Parameter classification
The electrical parameters shown in this supplement are guaranteed by various methods. To
give the customer a better understanding, the classifications listed in Table 6 are used and
the parameters are tagged accordingly in the tables where appropriate.
3.3
Absolute maximum ratings
Table 7 describes the maximum ratings of the device.
Table 6. Parameter classifications
Classification tag
Tag description
P
Parameters are guaranteed by production testing on each individual device.
C
Parameters are guaranteed by the design characterization by measuring a statistically relevant
sample size across process variations.
T
Parameters are guaranteed by design characterization on a small sample size from typical
devices under typical conditions unless otherwise noted. All values shown in the typical column
are within this category.
D
Parameters are derived mainly from simulations.
Table 7. Absolute maximum ratings(1)
Symbol
Parameter
Conditions
Value
Unit
Min
Max
Cycle
T
Lifetime power cycles
—
—
1000 k
—
VSS_HV
D
Ground voltage
—
—
—
—
VDD_LV
D
1.2 V core supply voltage(2),(3),(4)
—–0.3
1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com