Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC574K70E5 Datasheet(PDF) 84 Page - STMicroelectronics

Part # SPC574K70E5
Description  32-bit Power Architecture based MCU for automotive applications
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574K70E5 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button SPC574K70E5 Datasheet HTML 80Page - STMicroelectronics SPC574K70E5 Datasheet HTML 81Page - STMicroelectronics SPC574K70E5 Datasheet HTML 82Page - STMicroelectronics SPC574K70E5 Datasheet HTML 83Page - STMicroelectronics SPC574K70E5 Datasheet HTML 84Page - STMicroelectronics SPC574K70E5 Datasheet HTML 85Page - STMicroelectronics SPC574K70E5 Datasheet HTML 86Page - STMicroelectronics SPC574K70E5 Datasheet HTML 87Page - STMicroelectronics SPC574K70E5 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 127 page
background image
Electrical characteristics
SPC574Kxx
84/127
DocID023601 Rev 5
Figure 25. Nexus event trigger and test clock timings
13(8)
tNTMSS
CC
D
TMS/TMSC data setup time
5
—
ns
14
tNTMSH
CC
D
TMS/TMSC data hold time
5
—
ns
15(9)
—
CC
D
TDO/TDOC propagation delay from falling edge of TCK(10)
—16
ns
16
—
CC
D
TDO/TDOC hold time with respect to TCK falling edge (minimum
TDO/TDOC propagation delay)
2.25
—
ns
1.
Nexus timing specified at VDD_HV_IO_JTAG = 4.0 V to 5.5 V, and maximum loading per pad type as specified in the I/O
section of the data sheet.
2.
tCYC is system clock period.
3.
Achieving the absolute minimum TCK cycle time may require a maximum clock speed (system frequency / 8) that is less
than the maximum functional capability of the design (system frequency / 4) depending on the actual peripheral frequency
being used. To ensure proper operation TCK frequency should be set to the peripheral frequency divided by a number
greater than or equal to that specified here.
4.
This is a functionally allowable feature. However, it may be limited by the maximum frequency specified by the Absolute
minimum TCK period specification.
5.
This timing applies to TDI/TDIC, TDO/TDOC, TMS/TMSC pins; however, actual frequency is limited by pad type for
EXTEST instructions. Refer to pad specification for allowed transition frequency.
6.
This may require a maximum clock speed (system frequency / 8) that is less than the maximum functional capability of the
design (system frequency / 4) depending on the actual system frequency being used.
7.
TDIC represents the TDI bit frame of the scan packet in compact JTAG 2-wire mode.
8.
TMSC represents the TMS bit frame of the scan packet in compact JTAG 2-wire mode.
9.
TDOC represents the TDO bit frame of the scan packet in compact JTAG 2-wire mode.
10. Timing includes TCK pad delay, clock tree delay, logic delay and TDO/TDOC output pad delay.
Table 44. Nexus debug port timing(1)(Continued)
#
Symbol
C
Characteristic
Value
Unit
Min
Max
TCK
9
EVTI
EVTO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com