Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC574K70E5 Datasheet(PDF) 83 Page - STMicroelectronics

Part # SPC574K70E5
Description  32-bit Power Architecture based MCU for automotive applications
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574K70E5 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button SPC574K70E5 Datasheet HTML 79Page - STMicroelectronics SPC574K70E5 Datasheet HTML 80Page - STMicroelectronics SPC574K70E5 Datasheet HTML 81Page - STMicroelectronics SPC574K70E5 Datasheet HTML 82Page - STMicroelectronics SPC574K70E5 Datasheet HTML 83Page - STMicroelectronics SPC574K70E5 Datasheet HTML 84Page - STMicroelectronics SPC574K70E5 Datasheet HTML 85Page - STMicroelectronics SPC574K70E5 Datasheet HTML 86Page - STMicroelectronics SPC574K70E5 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 127 page
background image
DocID023601 Rev 5
83/127
SPC574Kxx
Electrical characteristics
126
Figure 24. JTAG boundary scan timing
3.17.1.2
Nexus interface timing
TCK
Output
Signals
Input
Signals
Output
Signals
11
12
13
14
15
Table 44. Nexus debug port timing(1)
#
Symbol
C
Characteristic
Value
Unit
Min
Max
7tEVTIPW
CC
P
EVTI pulse width
4
—
tCYC
(2)
8tEVTOPW
CC
P
EVTO pulse width
40
—
ns
9tTCYC
CC
D
TCK cycle time
2(3),
(4)
—tCYC
(2)
9tTCYC
CC
D
Absolute minimum TCK cycle time(5) (TDO sampled on posedge
of TCK)
40(6)
—ns
11(7)
tNTDIS
CC
D
TDI/TDIC data setup time
5
—
ns
12
tNTDIH
CC
D
TDI/TDIC data hold time
5
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com